データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

HM8651 データシート(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

部品番号. HM8651
部品情報  Power Supply Rail to Rail I/O
ダウンロード  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
ホームページ  http://www.hmsemi.com/
Logo 

HM8651 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Simplified Schematic
Application Information
HM8651 series op amps are fabricated on a state-of-the-art 0.6micron CMOS process. They are unity-gain
stable and suit-able for a wide range of general-purpose applications. Rail-to-rail input/output make them
ideal for driving sampling A/D converters. They are also well suited for controlling the output power in cell
phones. These applications often require high speed and low noise. In addition, the HM8651 series offers a
low cost solution for general-purpose and consumer video/audio applications.
Rail-to-rail input and output swing significantly increases dynamic range, especially in low voltage supply
applications. The following diagram show a real waveform under the condition-HM8651 in unity-gain
configuration. Operation is from a single +5V supply with a 10load connected to V S /2. The input is a
5Vp-p sinusoid. Output voltage swing is approximately 4.95Vp-p. Power supply pins should be bypassed
with 0.0F ceramic capacitors.
HM8651


Html ページ

1  2  3  4  5  6  7 


Datasheet Download




リンク URL