データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

HM8651 データシート(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

部品番号. HM8651
部品情報  Power Supply Rail to Rail I/O
ダウンロード  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
ホームページ  http://www.hmsemi.com/
Logo 

HM8651 Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Feature
Power Supply (2.7~5.5V)
Rail to Rail Input/Output
Wide Bandwidth 40MHz
High Slew Rate 80V/us
Input Offset Voltage 2mV(typical)
Build in Phase Compensation
Package Available SOP8, MSOP8, SOT23-5, SOT23-6
And Chip form and Wafer form
Pin Assignment
SO-8/MSOP8
SOT23-5
SOT23-6
Pin Description
Pin Number
(SO-8/DIP8)
Pin Number
(SOT23-5)
Pin Number
(SOT23-6)
Symbol
Description
1
NC
No Connection
2
4
4
-IN
Negative input
3
3
3
+IN
Positive Input
4
2
2
-Vs(GND)
Power Ground
5
NC
No Connection
6
1
1
VOUT
Amp Output
7
5
6
+Vs(VDD)
Power Supply
8
NC
No Connection
5
/SHDN
When Low, Shutdown mode;
Build in pull up resistor.
Applications
Cell Phone PA Control Loops
Driving A/D Converters
Video Processing(Digital Camera, Digital Video Camera)
Data Acquisition
Audio Processing
Active Filters
Order Information
HM8651 ……..……SOP8
HM8651
…….….SOT23-5
HM8651
………..SOT23-6
HM8651
MSOP8
Transport Media:Tape and Reel
HM8651


Html ページ

1  2  3  4  5  6  7 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn