データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

SF11 データシート(PDF) 1 Page - HY ELECTRONIC CORP.

部品番号. SF11
部品情報  Super Fast Recovery Recitifiers
ダウンロード  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  HY [HY ELECTRONIC CORP.]
ホームページ  http://www.hygroup.com.tw
Logo 

SF11 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
DO-41
Fast switching for high efficiency
Low cost
RoHS
Low reverse leakage current
COMPLIANT
High current capability
Low forward voltage drop
Meet UL flammability classification 94V-0
Mechanical Data
Case: JEDEC DO-41 Molded plastic
Polarity: Color band denotes cathode
Mounting position: Any
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
For use in SMPS, high frequency inverters, PWM and polarity
protection applications
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol
SF11
SF12
SF13
SF14
SF15
SF16
SF18
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
V
Maximum Average Forward Rectified Current @TA=55℃
I(AV)
A
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load (JEDEC Method)
Peak Forward Voltage at 1.0A DC (Note1)
VF
1.7
V
Maximum DC Reverse Current @TJ=25℃
at Rated DC Blocking Voltage @TJ=100℃
Maximum Reverse Recovery Time (Note 2)
Trr
nS
Typical Junction Capacitance (Note3)
CJ
pF
Typical Thermal Resistance Junction to Ambient
RθJA
℃/W
Operating Junction Temperature Range
TJ
Storage Temperature Range
TSTG
SF1*-A-00-00
Rev. 11, 18-May-2020
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
4. The typical data above is for reference only.
35
30
25
40
-55 to +150
Package Outline Dimensions in Inches (Millimeters)
-55 to +150
Notes:
1. 300uS pulse width, 2%duty cycle.
2. Measured with IF=0.5A,IR=1A,IRR=0.25A .
www.hygroup.com.tw
Super Fast Recovery Recitifiers
30
IFSM
IR
SF11 THRU SF18
Reverse Voltage - 50 to 600 Volts
Forward Current - 1.0 Amperes
Pb
A
μA
1.0
0.95
1.3
5.0
100


Html ページ

1  2  3 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn