データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

SGBJ35 データシート(PDF) 1 Page - HY ELECTRONIC CORP.

部品番号. SGBJ35
部品情報  Glass Passivated 3 Phase Bridge Rectifiers
ダウンロード  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  HY [HY ELECTRONIC CORP.]
ホームページ  http://www.hygroup.com.tw
Logo 

SGBJ35 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
SGBJ
Low forward voltage drop
High current capability
RoHS
High reliability
COMPLIANT
Meet UL flammability classification 94V-0
Mechanical Data
Case: Epoxy case with heat sink
Polarity: Symbol marked on body
Mounting position:
Bolt pass through the mounting hole of body
then fixto heat sink
Maximum Mounting torque (M4)
1: 0.8 N.m 8N.m
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
For use in high power supply inverters,servo
motor and welding machine applications
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Repetitive Peak Reverse Voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Peak Non-Repetitive Reverse Voltage
VRSM
V
Maximum Average Forward Rectified Current @TC=110 ℃
I(AV)
A
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load (JEDEC Method)
I
2t Rating for Fusing (t<8.3mS)
I
2 t
A
2 S
Peak Forward Voltage per Diode at 17.5A DC
VF
V
Maximum DC Reverse Current at Rated @TJ=25℃
μA
DC Blocking Voltage per Diode @TJ=150℃
mA
Typical Thermal Resistance to Case
RθJC
℃/W
RMS lsolation Voltage from Case to Lead
VISO
V
Operating Junction Temperature Range
TJ
Storage Temperature Range
TSTG
Notes: 1. Surface roughness of Heat sink <0.05mm
2. The typical data above is for reference only
SGBJ35*-U-00/99/92-00/01
Rev. 11, 18-May-2020
www.hygroup.com.tw
Glass Passivated 3 Phase Bridge Rectifiers
400
2500
-55 to +150
-08
-10
-12
-16
800
1000
1200
1600
SGBJ35 SERIES
Reverse Voltage - 800 to 1600Volts
Forward Current - 35 Amperes
-55 to +125
35
560
700
840
1120
800
1000
1200
1600
Characteristics
Symbol
IFSM
IR
Unit
A
664
1.1
5
3
0.8
900
1100
1300
1700
Pb
Package Outline Dimensions in Inches (Millimeters)
SGBJ35
SGBJ35
SGBJ35
SGBJ35


Html ページ

1  2  3 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn