データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

WSD2068 データシート(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

部品番号. WSD2068
部品情報  Dual N-Ch MOSFET
ダウンロード  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
ホームページ  http://www.winsok.tw/index.html
Logo 

WSD2068 Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
20
---
---
V
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
---
0.022
---
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=4.5V , ID=
5.5A
---
m
Ω
VGS=2.5V , ID=
5.5A
---
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
0.
3
0.
7
1.
0
V
VGS(th)
VGS(th) Temperature Coefficient
---
-2.32
---
mV/℃
IDSS
Drain-Source Leakage Current
VDS=16V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=16V , VGS=0V , TJ=55℃
---
---
5
IGSS
Gate-Source Leakage Current
VGS=±12V , VDS=0V
---
---
±
100
nA
gfs
Forward Transconductance
VDS=5V , ID=10A
---
20
---
S
Rg
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
---
11
---
Ω
Qg
Total Gate Charge (4.5V)
VDS=1
0V , VGS=4.5V , ID=5A
---
15
20
nC
Qgs
Gate-Source Charge
---
2.2
---
Qgd
Gate-Drain Charge
---
4.2
---
Td(on)
Turn-On Delay Time
VDS=10V , VGS=10V , RG=6Ω,
ID=
5A ,RL=2Ω
---
148
---
ns
Tr
Rise Time
---
277
---
Td(off)
Turn-Off Delay Time
---
1616
---
Tf
Fall Time
---
751
---
Ciss
Input Capacitance
VDS=1
0V , VGS=0V , f=1MHz
---
1219
pF
Coss
Output Capacitance
---
150
---
Crss
Reverse Transfer Capacitance
---
123
---
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
1,4
VG=VD=0V , Force Current
---
---
5
A
ISM
Pulsed Source Current
2,4
---
---
15
A
VSD
Diode Forward Voltage
2
VGS=0V , IS=1A , TJ=25℃
---
0.76
1.
3
V
trr
Reverse Recovery Time
IF=5A
,dI/dt=100A/µs , TJ=25℃
---
245
---
nS
Qrr
Reverse Recovery Charge
---
1105
---
nC
Note :
1.The data tested by surface mounted on a 1 inch
2 FR-4 board with 2OZ copper, t<10sec.
2.The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3.The power dissipation is limited by 150℃ junction temperature
4.The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Diode Characteristics
12
15.5
20
16
WSD2068
Page 2
www.winsok.tw
Dec.2014
Dual N-Ch MOSFET
---


Html ページ

1  2  3  4  5  6 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn