データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BQ21062 データシート(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
部品番号 BQ21062
部品情報  BQ21062 I2C Controlled 1-Cell 500-mA Linear Battery Charger with Power Path, Load Switch, 10-nA Ship Mode, and Regulated System (PMID) Voltage
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

BQ21062 データシート(HTML) 51 Page - Texas Instruments

Back Button BQ21062 Datasheet HTML 47Page - Texas Instruments BQ21062 Datasheet HTML 48Page - Texas Instruments BQ21062 Datasheet HTML 49Page - Texas Instruments BQ21062 Datasheet HTML 50Page - Texas Instruments BQ21062 Datasheet HTML 51Page - Texas Instruments BQ21062 Datasheet HTML 52Page - Texas Instruments BQ21062 Datasheet HTML 53Page - Texas Instruments BQ21062 Datasheet HTML 54Page - Texas Instruments BQ21062 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 69 page
background image
9.5.1.29 TS_COOL Register (Address = 0x63) [reset = 0x6D]
TS_COOL is shown in Figure 9-44 and described in Table 9-36.
Return to Summary Table.
Figure 9-44. TS_COOL Register
7
6
5
4
3
2
1
0
TS_COOL_7:0
R/W-8b01101101
Table 9-36. TS_COOL Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
TS_COOL_7:0
R/W
8b01101101
TS Cool Threshold
1b = 4.688 mV
10b = 9.375 mV
100b = 18.75 mV
1000b = 37.5 mV
10000b = 75 mV
100000b = 150 mV
1000000b = 300 mV
10000000b = 600 mV
9.5.1.30 TS_WARM Register (Address = 0x64) [reset = 0x38]
TS_WARM is shown in Figure 9-45 and described in Table 9-37.
Return to Summary Table.
Figure 9-45. TS_WARM Register
7
6
5
4
3
2
1
0
TS_WARM_7:0
R/W-8b00111000
Table 9-37. TS_WARM Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
TS_WARM_7:0
R/W
8b00111000
TS Warm Threshold
1b = 4.688 mV
10b = 9.375 mV
100b = 18.75 mV
1000b = 37.5 mV
10000b = 75 mV
100000b = 150 mV
1000000b = 300 mV
10000000b = 600 mV
9.5.1.31 TS_HOT Register (Address = 0x65) [reset = 0x38]
TS_HOT is shown in Figure 9-46 and described in Table 9-38.
Return to Summary Table.
www.ti.com
BQ21062
SLUSE42 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
51
Product Folder Links: BQ21062


同様の部品番号 - BQ21062

メーカー部品番号データシート部品情報
logo
Texas Instruments
BQ21061 TI1-BQ21061 Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ21061YFPR TI1-BQ21061YFPR Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ21061YFPT TI1-BQ21061YFPT Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
More results

同様の説明 - BQ21062

メーカー部品番号データシート部品情報
logo
Texas Instruments
BQ21061 TI1-BQ21061 Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ25155 TI1-BQ25155 Datasheet
1Mb / 108P
[Old version datasheet]   BQ25155 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode,PowerPath With Regulated System (PMID) Voltage, ADC, and LDO
BQ25157 TI-BQ25157 Datasheet
2Mb / 110P
[Old version datasheet]   BQ25157 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, ADC, LDO and 6.2-V OVP
BQ25181 TI-BQ25181 Datasheet
1Mb / 43P
[Old version datasheet]   BQ25181 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
APRIL 2022
BQ25180 TI-BQ25180_V01 Datasheet
1Mb / 51P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
DECEMBER 2021
BQ25180 TI-BQ25180 Datasheet
707Kb / 11P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
SLUSEM2 ??SEPTEMBER 2021
BQ21080 TI-BQ21080 Datasheet
1Mb / 53P
[Old version datasheet]   BQ21080 I2C Controlled, 1-Cell, 0.8-A Linear Battery Charger with Power Path and Ship Mode
JANUARY 2023
BQ25150 TI1-BQ25150_19 Datasheet
1Mb / 108P
[Old version datasheet]   500-mA Linear charger with 10-nA ship mode, advanced power path management and control, ADC, and LDO
BQ25150 TI1-BQ25150 Datasheet
247Kb / 8P
[Old version datasheet]   Linear Charger with 10-nA Ship Mode, Advanced Power Path Management and Control, 12-Bit ADC, and LDO
logo
Monolithic Power System...
MP2661 MPS-MP2661 Datasheet
1Mb / 35P
   4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com