データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BQ77904 データシート(PDF) 24 Page - Texas Instruments

部品番号 BQ77904
部品情報  BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

BQ77904 データシート(HTML) 24 Page - Texas Instruments

Back Button BQ77904_V04 Datasheet HTML 20Page - Texas Instruments BQ77904_V04 Datasheet HTML 21Page - Texas Instruments BQ77904_V04 Datasheet HTML 22Page - Texas Instruments BQ77904_V04 Datasheet HTML 23Page - Texas Instruments BQ77904_V04 Datasheet HTML 24Page - Texas Instruments BQ77904_V04 Datasheet HTML 25Page - Texas Instruments BQ77904_V04 Datasheet HTML 26Page - Texas Instruments BQ77904_V04 Datasheet HTML 27Page - Texas Instruments BQ77904_V04 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
• Ensure that each device’s CCFG pin is configured appropriately for its specific number of cells (three, four, or
five cells).
• For the bottom device, the CHG pin should be used to drive the CHG FET and leave the CHGU pin
unconnected. For the upper device, the CHGU pin should be used to connect to lower device’s CTRC pin
with a RCTRx and leave the CHG pin unconnected.
• Connect the upper DSG pins with a RCTRx to the immediate lower device CTRD pin.
• All upper devices should have the SRP and SRN to its AVSS pin.
• If load removal is not used for UV recovery, connect the upper device LD pin to its AVSS pin, as shown in
Figure 8-9 and Figure 8-10. Otherwise, refer to Figure 9-7 for proper LD connection.
bq77905
RIN
RIN
RIN
RSNS
CIN
CIN
CIN
RGS_CHG
RGS_DSG
RTS
CVDD
PACK-
RLD
RVDD
RTS_PU
RDSG
RCHG
CTRD
AVDD
VC5
VC4
VC3
VC2
DVSS
TS
LD
CHG
DSG
CTRC
CCFG
SRP
AVSS
VC1
CHGU
VTB
SRN
VDD
CVDD
RIN
CIN
CIN
RIN
bq77905
RIN
RIN
RIN
CIN
CIN
CIN
RTS
CVDD
PACK+
RVDD
RTS_PU
RCTRD
RCTRC
CTRD
AVDD
VC5
VC4
VC3
VC2
DVSS
TS
LD
CHGU
DSG
CTRC
CCFG
SRP
AVSS
VC1
CHG
VTB
SRN
VDD
CVDD
RIN
CIN
CIN
RIN
Figure 8-9. 10S Pack Using Two BQ77905 Devices
BQ77904, BQ77905
SLUSCM3K – APRIL 2020 – REVISED JULY 2020
www.ti.com
24
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ77904 BQ77905


同様の部品番号 - BQ77904_V04

メーカー部品番号データシート部品情報
logo
Texas Instruments
BQ77904 TI1-BQ77904_V01 Datasheet
1Mb / 47P
[Old version datasheet]   bq77904, bq77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI1-BQ77904_V02 Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI1-BQ77904_V03 Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
More results

同様の説明 - BQ77904_V04

メーカー部品番号データシート部品情報
logo
Texas Instruments
BQ77904 TI1-BQ77904_V01 Datasheet
1Mb / 47P
[Old version datasheet]   bq77904, bq77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI1-BQ77904_V03 Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI1-BQ77904_V02 Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904_017 TI1-BQ77904_017 Datasheet
1Mb / 47P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
BQ77904 TI1-BQ77904_17 Datasheet
1Mb / 45P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
BQ77904 TI1-BQ77904 Datasheet
1Mb / 45P
[Old version datasheet]   Open Wire Stackable Lithium-ion Battery Protector
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
[Old version datasheet]   Lithium-Ion Battery Protector
logo
Maxim Integrated Produc...
MAX1665S MAXIM-MAX1665S Datasheet
164Kb / 12P
   Lithium-Ion Battery Pack Protector
19-1605; Rev 0; 1/00
MAX1666S MAXIM-MAX1666S Datasheet
294Kb / 16P
   Advanced Lithium-Ion Battery-Pack Protector
19-1465; Rev 1; 7/99
MAX1666A MAXIM-MAX1666A Datasheet
832Kb / 17P
   Advanced Lithium-Ion Battery-Pack Protector
Rev 2; 12/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com