データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BUF634A データシート(PDF) 15 Page - Texas Instruments

部品番号 BUF634A
部品情報  BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

BUF634A データシート(HTML) 15 Page - Texas Instruments

Back Button BUF634A_V03 Datasheet HTML 11Page - Texas Instruments BUF634A_V03 Datasheet HTML 12Page - Texas Instruments BUF634A_V03 Datasheet HTML 13Page - Texas Instruments BUF634A_V03 Datasheet HTML 14Page - Texas Instruments BUF634A_V03 Datasheet HTML 15Page - Texas Instruments BUF634A_V03 Datasheet HTML 16Page - Texas Instruments BUF634A_V03 Datasheet HTML 17Page - Texas Instruments BUF634A_V03 Datasheet HTML 18Page - Texas Instruments BUF634A_V03 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
8.4 Device Functional Modes
8.4.1 Adjustable Bandwidth
The BUF634A –3-dB bandwidth can be adjusted from 35 MHz to 210 MHz for a 1-kΩ load resistance, as shown
in Figure 8-2, by connecting a resistor between the V– and BW pins. The bandwidth is set to 210 MHz with the
BW pin connected to V– and to 35 MHz with the BW pin left floating. The –3-dB bandwidth also changes with the
value of the load resistance for a given bandwidth adjustment resistance. The device quiescent current varies
from 1.5 mA (typical) to 8.5 mA (typical) with variation in bandwidth from 35 MHz to 210 MHz, respectively.
Resistance (:)
30
60
90
120
150
180
210
240
10
100
1k
10k
100k
1M
D001
RL = 1 k:
RL = 100 :
Figure 8-2. Small-Signal Bandwidth versus Bandwidth Adjustment Resistance
www.ti.com
BUF634A
SBOS948D – FEBRUARY 2019 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: BUF634A


同様の部品番号 - BUF634A_V03

メーカー部品番号データシート部品情報
logo
Texas Instruments
BUF634A TI1-BUF634A_V01 Datasheet
2Mb / 34P
[Old version datasheet]   BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
BUF634A TI1-BUF634A_V02 Datasheet
3Mb / 44P
[Old version datasheet]   BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
BUF634A TI-BUF634A_V04 Datasheet
3Mb / 44P
[Old version datasheet]   BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
More results

同様の説明 - BUF634A_V03

メーカー部品番号データシート部品情報
logo
Texas Instruments
BUF634A TI-BUF634A_V04 Datasheet
3Mb / 44P
[Old version datasheet]   BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
BUF634A TI1-BUF634A_V02 Datasheet
3Mb / 44P
[Old version datasheet]   BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
BUF634A TI1-BUF634A_V01 Datasheet
2Mb / 34P
[Old version datasheet]   BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
BUF634A TI1-BUF634A Datasheet
665Kb / 21P
[Old version datasheet]   210-MHz, 250-mA, high-speed buffer
logo
ABLIC Inc.
S-19212B ABLIC-S-19212B Datasheet
960Kb / 60P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
S-1212B ABLIC-S-1212B Datasheet
1Mb / 60P
   105°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.3.1_00
logo
Texas Instruments
TPS65133 TI-TPS65133 Datasheet
1Mb / 19P
[Old version datasheet]   5 V, 250 mA Dual Output Power Supply
logo
Rohm
BD42530EFJ-C ROHM-BD42530EFJ-C Datasheet
1Mb / 29P
   250 mA Output Voltage Tracker
BD42530XXX-C ROHM-BD42530XXX-C Datasheet
1Mb / 30P
   250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
logo
Texas Instruments
TPS65133_15 TI-TPS65133_15_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS65133 짹5-V, 250-mA Dual-Output Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com