データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DRV8353M データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 DRV8353M
部品情報  DRV8353M 100-V Three-Phase Smart Gate Driver
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DRV8353M データシート(HTML) 5 Page - Texas Instruments

  DRV8353M Datasheet HTML 1Page - Texas Instruments DRV8353M Datasheet HTML 2Page - Texas Instruments DRV8353M Datasheet HTML 3Page - Texas Instruments DRV8353M Datasheet HTML 4Page - Texas Instruments DRV8353M Datasheet HTML 5Page - Texas Instruments DRV8353M Datasheet HTML 6Page - Texas Instruments DRV8353M Datasheet HTML 7Page - Texas Instruments DRV8353M Datasheet HTML 8Page - Texas Instruments DRV8353M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
7 Absolute Maximum Ratings
at TA = –55°C to +125°C (unless otherwise noted)(1)
MIN
MAX
UNIT
GATE DRIVER
Power supply pin voltage (VM)
–0.3
80
V
Voltage differential between ground pins (AGND, BGND, DGND, PGND)
–0.3
0.3
V
MOSFET drain sense pin voltage (VDRAIN)
–0.3
102
V
MOSFET drain sense pin voltage slew rate (VDRAIN)
0
2
V/µs
Charge pump pin voltage (CPH, VCP)
–0.3
VVDRAIN + 16
V
Charge-pump negative-switching pin voltage (CPL)
–0.3
VVDRAIN
V
Low-side gate drive regulator pin voltage (VGLS)
–0.3
18
V
Internal logic regulator pin voltage (DVDD)
–0.3
5.75
V
Digital pin voltage (ENABLE, GAIN, IDRIVE, INHx, INLx, MODE, nFAULT, nSCS, SCLK,
SDI, SDO, VDS)
–0.3
5.75
V
Continuous high-side gate drive pin voltage (GHx)
–5(2)
VVCP + 0.3
V
Transient 200-ns high-side gate drive pin voltage (GHx)
–10
VVCP + 0.3
V
High-side gate drive pin voltage with respect to SHx (GHx)
–0.3
16
V
Continuous high-side source sense pin voltage (SHx)
–5(2)
102
V
Continuous high-side source sense pin voltage (SHx)
–5(2)
VVDRAIN + 5
V
Transient 200-ns high-side source sense pin voltage (SHx)
–10
VVDRAIN + 10
V
Continuous low-side gate drive pin voltage (GLx)
–1.0
VVGLS + 0.3
V
Transient 200-ns low-side gate drive pin voltage (GLx)
–5.0
VVGLS + 0.3
V
Gate drive pin source current (GHx, GLx)
Internally
limited
Internally
limited
A
Gate drive pin sink current (GHx, GLx)
Internally
limited
Internally
limited
A
Continuous low-side source sense pin voltage (SLx)
–1
1
V
Transient 200-ns low-side source sense pin voltage (SLx)
–5
5
V
Continuous shunt amplifier input pin voltage (SNx, SPx)
–1
1
V
Transient 200-ns shunt amplifier input pin voltage (SNx, SPx)
–5
5
V
Reference input pin voltage (VREF)
–0.3
5.75
V
Shunt amplifier output pin voltage (SOx)
–0.3
VVREF + 0.3
V
DRV8353M
Ambient temperature, TA
–55
125
°C
Junction temperature, TJ
–55
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
VDRAIN pin voltage with respect to high-side gate pin (GHx) and phase node pin voltage (SHx) should be limited to 102 V maximum.
This will limit the GHx and SHx pin negative voltage capability when VDRAIN is greater than 92 V.
www.ti.com
DRV8353M
SLVSFO2 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: DRV8353M


同様の部品番号 - DRV8353M

メーカー部品番号データシート部品情報
logo
Texas Instruments
DRV8353 TI1-DRV8353 Datasheet
2Mb / 87P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8353 TI1-DRV8353 Datasheet
3Mb / 90P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8353 TI1-DRV8353 Datasheet
3Mb / 91P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8353F TI-DRV8353F Datasheet
3Mb / 97P
[Old version datasheet]   DRV835xF 100-V Three-Phase Smart Gate Driver
DRV8353FHRTAR TI-DRV8353FHRTAR Datasheet
3Mb / 97P
[Old version datasheet]   DRV835xF 100-V Three-Phase Smart Gate Driver
More results

同様の説明 - DRV8353M

メーカー部品番号データシート部品情報
logo
Texas Instruments
DRV8350 TI1-DRV8350 Datasheet
2Mb / 87P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350_1903 TI1-DRV8350_1903 Datasheet
3Mb / 91P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350_19 Datasheet
3Mb / 90P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350F TI-DRV8350F Datasheet
3Mb / 97P
[Old version datasheet]   DRV835xF 100-V Three-Phase Smart Gate Driver
DRV8320 TI1-DRV8320 Datasheet
2Mb / 80P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8320 TI1-DRV8320_17 Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8300U TI-DRV8300U Datasheet
1Mb / 29P
[Old version datasheet]   DRV8300U: 100-V Three-Phase BLDC Gate Driver
JULY 2022
DRV8300U TI-DRV8300U_V01 Datasheet
1Mb / 30P
[Old version datasheet]   DRV8300U: 100-V Three-Phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8300U TI-DRV8300U_V02 Datasheet
2Mb / 34P
[Old version datasheet]   DRV8300U: 100-V Three-Phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8300-Q1 TI-DRV8300-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   DRV8300-Q1: 100-V Three-Phase BLDC Gate Driver
APRIL 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com