データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DRV8889-Q1 データシート(PDF) 6 Page - Texas Instruments

部品番号 DRV8889-Q1
部品情報  DRV8889-Q1, DRV8889A-Q1 Automotive Stepper Driver with Integrated Current Sense, 1/256 Micro-Stepping, and Stall Detection
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DRV8889-Q1 データシート(HTML) 6 Page - Texas Instruments

Back Button DRV8889-Q1_V02 Datasheet HTML 2Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 3Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 4Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 5Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 6Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 7Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 8Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 9Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)1
MIN
MAX
UNIT
VVM
Supply voltage range for normal (DC) operation
4.5
45
V
VI
Logic level input voltage
0
5.5
V
VSDO
SDO buffer supply voltage
2.9
5.5
V
VVREF
VREF voltage
0.05
3.3
V
ƒSTEP
Applied STEP signal (STEP)
0
100 (2)
kHz
IFS
Motor full-scale current (xOUTx)
0
1.5 (3)
A
Irms
Motor RMS current (xOUTx)
0
1.1 (3)
A
TA
Operating ambient temperature
–40
125
°C
TJ
Operating junction temperature
–40
150
°C
1. Device is functional, however, deviations of the specified electrical characteristics are possible
2. STEP input can operate up to 500 kHz, but system bandwidth is limited by the motor load
3. Power dissipation and thermal limits must be observed
6.4 Thermal Information
THERMAL METRIC 1
PWP (HTSSOP)
RGE (VQFN)
UNIT
24 PINS
24 PINS
RθJA
Junction-to-ambient thermal resistance
30.9
40.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
25.2
31.1
°C/W
RθJB
Junction-to-board thermal resistance
11.3
17.9
°C/W
ψJT
Junction-to-top characterization parameter
0.4
0.6
°C/W
ψJB
Junction-to-board characterization parameter
11.3
17.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.1
4.3
°C/W
1. For more information about traditional and new thermalmetrics, see the Semiconductor and IC Package
Thermal Metrics application report.
DRV8889-Q1
SLVSEE9C – APRIL 2020 – REVISED AUGUST 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8889-Q1


同様の部品番号 - DRV8889-Q1_V02

メーカー部品番号データシート部品情報
logo
Texas Instruments
DRV8889-Q1 TI1-DRV8889-Q1_V01 Datasheet
1Mb / 58P
[Old version datasheet]   DRV8889-Q1 Automotive Stepper Driver with Integrated Current Sense, 1/256 Micro-Stepping, and Stall Detection
More results

同様の説明 - DRV8889-Q1_V02

メーカー部品番号データシート部品情報
logo
Texas Instruments
DRV8889-Q1 TI1-DRV8889-Q1_V01 Datasheet
1Mb / 58P
[Old version datasheet]   DRV8889-Q1 Automotive Stepper Driver with Integrated Current Sense, 1/256 Micro-Stepping, and Stall Detection
DRV8889-Q1 TI1-DRV8889-Q1 Datasheet
1Mb / 57P
[Old version datasheet]   Automotive Stepper Driver with Integrated Current Sense, 1/256 Micro-Stepping, and Stall Detection
DRV8899-Q1 TI1-DRV8899-Q1 Datasheet
707Kb / 54P
[Old version datasheet]   DRV8899-Q1 Automotive Stepper Driver with Integrated Current Sense and 1/256 Micro-Stepping
DRV8899-Q1 TI1-DRV8899-Q1_V01 Datasheet
1Mb / 55P
[Old version datasheet]   DRV8899-Q1 Automotive Stepper Driver with Integrated Current Sense and 1/256 Micro-Stepping
logo
STMicroelectronics
L99SM81V STMICROELECTRONICS-L99SM81V Datasheet
3Mb / 85P
   Programmable stepper motor driver for automotive applications with micro-stepping and stall detection
June 2017 Rev 4
logo
Texas Instruments
DRV8434S TI-DRV8434S Datasheet
4Mb / 73P
[Old version datasheet]   DRV8434S Stepper Driver With Integrated Current Sense, 1/256 Microstepping, SPI Interface, Smart Tune Technology and Stall Detection
DRV8434A TI-DRV8434A Datasheet
3Mb / 51P
[Old version datasheet]   DRV8434A Stepper Driver With Integrated Current Sense, 1/256 Microstepping, smart tune and Stall Detection using GPIO pins
DRV8243-Q1 TI-DRV8243-Q1 Datasheet
3Mb / 77P
[Old version datasheet]   DRV8243-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
SLVSG23 ??AUGUST 2021
DRV8244-Q1 TI-DRV8244-Q1 Datasheet
3Mb / 77P
[Old version datasheet]   DRV8244-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
SLVSG24 ??AUGUST 2021
DRV8245-Q1 TI-DRV8245-Q1_V03 Datasheet
3Mb / 80P
[Old version datasheet]   DRV8245-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
REVISED AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com