データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DS90LV028A-Q1 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 DS90LV028A-Q1
部品情報  DS90LV028A-Q1 Automotive LVDS Dual Differential Line Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DS90LV028A-Q1 データシート(HTML) 11 Page - Texas Instruments

Back Button DS90LV028A-Q1 Datasheet HTML 7Page - Texas Instruments DS90LV028A-Q1 Datasheet HTML 8Page - Texas Instruments DS90LV028A-Q1 Datasheet HTML 9Page - Texas Instruments DS90LV028A-Q1 Datasheet HTML 10Page - Texas Instruments DS90LV028A-Q1 Datasheet HTML 11Page - Texas Instruments DS90LV028A-Q1 Datasheet HTML 12Page - Texas Instruments DS90LV028A-Q1 Datasheet HTML 13Page - Texas Instruments DS90LV028A-Q1 Datasheet HTML 14Page - Texas Instruments DS90LV028A-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
General application guidelines and hints for LVDS drivers and receivers may be found in the LVDS application
notes and design guides.
9.2 Typical Application
Figure 9-1. Balanced System Point-to-Point Application
9.2.1 Design Requirements
When using LVDS devices, it is important to remember to specify controlled impedance PCB traces. All
components of the transmission media must have a matched differential impedance of 100 Ω. They must not
introduce major impedance discontinuities.
9.2.2 Detailed Design Procedure
9.2.2.1 Power Decoupling Recommendations
Bypass capacitors must be used on power pins. Use high frequency ceramic (surface mount is recommended)
0.1 μF and 0.01 μF capacitors in parallel at the power supply pin with the smallest value capacitor closest to the
device supply pin. Additional scattered capacitors over the printed circuit board will improve decoupling. Multiple
vias should be used to connect the decoupling capacitors to the power planes. A 10 μF (35 V) or greater solid
tantalum capacitor should be connected at the power entry point on the printed circuit board between the supply
and ground.
9.2.2.2 Termination
Use a termination resistor which best matches the differential impedance or your transmission line. The resistor
should be between 90 Ω and 110 Ω. Remember that the current mode outputs need the termination resistor to
generate the differential voltage. LVDS will not work correctly without resistor termination. Typically, connecting a
single resistor across the pair at the receiver end will suffice.
Surface mount 1% resistors are the best. PCB stubs, component lead, and the distance from the termination to
the receiver inputs should be minimized. The distance between the termination resistor and the receiver should
be < 10 mm (12 mm MAX).
9.2.2.3 Input Failsafe Biasing
External pull up and pull down resistors may be used to provide enough of an offset to enable an input failsafe
under open-circuit conditions. This configuration ties the positive LVDS input pin to VDD thru a pull up resistor
and the negative LVDS input pin is tied to GND by a pull down resistor. The pull up and pull down resistors
should be in the 5 kΩ to 15 kΩ range to minimize loading and waveform distortion to the driver. The common-
mode bias point ideally should be set to approximately 1.2 V to be compatible with the internal circuitry. Please
refer to application note AN-1194, “Failsafe Biasing of LVDS Interfaces” (SNLA051)for more information.
www.ti.com
DS90LV028A-Q1
SNLS672 – AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: DS90LV028A-Q1


同様の部品番号 - DS90LV028A-Q1

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
DS90LV028A NSC-DS90LV028A Datasheet
247Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
DS90LV028AH NSC-DS90LV028AH Datasheet
648Kb / 8P
   High Temperature 3V LVDS Dual Differential Line Receiver
logo
Texas Instruments
DS90LV028AH TI1-DS90LV028AH Datasheet
974Kb / 16P
[Old version datasheet]   High Temperature 3V LVDS Dual Differential Line Receiver
logo
National Semiconductor ...
DS90LV028AHM NSC-DS90LV028AHM Datasheet
648Kb / 8P
   High Temperature 3V LVDS Dual Differential Line Receiver
logo
Texas Instruments
DS90LV028AHM/NOPB TI1-DS90LV028AHM/NOPB Datasheet
974Kb / 16P
[Old version datasheet]   High Temperature 3V LVDS Dual Differential Line Receiver
More results

同様の説明 - DS90LV028A-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
DS90LV028ATMX TI-DS90LV028ATMX Datasheet
1Mb / 18P
[Old version datasheet]   DS90LV028A 3V LVDS Dual CMOS Differential Line Receiver
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1_V01 Datasheet
1Mb / 2P
[Old version datasheet]   DS90LV028AQ-Q1 Automotive LVDS Dual Differential Line Receiver
DS90LV028AQ TI1-DS90LV028AQ_14 Datasheet
972Kb / 16P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
logo
National Semiconductor ...
DS90LV028AQ NSC-DS90LV028AQ Datasheet
287Kb / 10P
   Automotive LVDS Dual Differential Line Receiver
logo
Texas Instruments
DS90LT012AQ TI1-DS90LT012AQ_15 Datasheet
776Kb / 14P
[Old version datasheet]   Automotive LVDS Differential Line Receiver
logo
National Semiconductor ...
DS90LT012AQ NSC-DS90LT012AQ Datasheet
251Kb / 8P
   Automotive LVDS Differential Line Receiver
logo
Texas Instruments
DS90LVRA2 TI-DS90LVRA2 Datasheet
1,013Kb / 21P
[Old version datasheet]   DS90LVRA2 LVDS Dual Differential Line Receiver
DECEMBER 2022
logo
National Semiconductor ...
DS90LV028A NSC-DS90LV028A_05 Datasheet
727Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
DS90LV028A NSC-DS90LV028A Datasheet
247Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com