データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

WSD4070DN データシート(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

部品番号. WSD4070DN
部品情報  N-Ch MOSFET
ダウンロード  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
ホームページ  http://www.winsok.tw/index.html
Logo 

WSD4070DN Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
N-Ch MOSFET
WSD4070DN
Page 1
www.winsok.tw
Dec.2014
BVDSS
RDSON
ID
40V
4.5mΩ
68A
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter for MB/NB/UMPC/VGA
Networking DC-DC Power System
Load Switch
DFN3.3X3.3-EPPin Configuration
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
Product Summery
The WSD4070DN is the highest
performance trench N-ch MOSFETs
with extreme high cell density , which
provide excellent RDSON and gate
charge for most of the synchronous
buck converter applications .
The WSD4070DN meet the
RoHS and Green Product
requirement , 100% EAS
guaranteed with full function
reliability approved.
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
40
V
VGS
Gate-Source Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10VG
68
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10VG
35
A
IDM@TC=25℃
Pulsed Drain CurrentC
144
A
EAS
Avalanche Energy ,Single Pulse (L=0.3mH)
80
mJ
IAS
Avalanche Current
40
A
PD@TA=25℃
Total Power DissipationA
3.1
W
PD@TA=70℃
Total Power DissipationA
2.0
W
TJ
Storage and Junction Temperature Range
-55 to 150
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient A
---
60
/W
RθJC
Thermal Resistance Junction-CaseA
---
2.8
/W
Absolute Maximum Ratings
Thermal Data
TSTG


Html ページ

1  2  3  4  5  6  7 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn