データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMK61E08 データシート(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMK61E08
部品情報  LMK61E08 Ultra-Low Jitter Programmable Oscillator With Internal EEPROM
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMK61E08 データシート(HTML) 35 Page - Texas Instruments

Back Button LMK61E08 Datasheet HTML 31Page - Texas Instruments LMK61E08 Datasheet HTML 32Page - Texas Instruments LMK61E08 Datasheet HTML 33Page - Texas Instruments LMK61E08 Datasheet HTML 34Page - Texas Instruments LMK61E08 Datasheet HTML 35Page - Texas Instruments LMK61E08 Datasheet HTML 36Page - Texas Instruments LMK61E08 Datasheet HTML 37Page - Texas Instruments LMK61E08 Datasheet HTML 38Page - Texas Instruments LMK61E08 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
35
LMK61E08
www.ti.com
SNAS805 – JUNE 2020
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
8.6.1.27 PLL_LF_R3 Register; R38
The PLL_LF_R3 register controls the value of the PLL Loop Filter R3.
BIT NO.
FIELD
TYPE
DEFAUL
T
EEPROM
DESCRIPTION
[7]
RESERVED
-
-
N
Reserved.
[6:0]
PLL_LF_R3[6:0]
RW
0x00
Y
PLL Loop Filter R3. NOTE: Table below lists commonly
used R3 values but more selections are available.
PLL_LF_R3[6:0]
R3 (Ω)
0 (0x00)
18
3 (0x03)
205
8 (0x08)
854
9 (0x09)
1136
12 (0x0C)
1535
17 (0x11)
1936
20 (0x14)
2335
8.6.1.28 PLL_LF_C3 Register; R39
The PLL_LF_C3 register controls the value of the PLL Loop Filter C3.
BIT NO.
FIELD
TYPE
DEFAUL
T
EEPROM
DESCRIPTION
[7:3]
RESERVED
-
-
N
Reserved.
[2:0]
PLL_LF_C3[2:0]
RW
0x7
Y
PLL Loop Filter C3. The value in pF is given by 5 *
PLL_LF_C3 (in decimal).
8.6.1.29 PLL_CALCTRL Register; R42
The PLL_CALCTRL register is described in the following table.
BIT NO.
FIELD
TYPE
DEFAUL
T
EEPROM
DESCRIPTION
[7:4]
RESERVED
-
-
N
Reserved.
[3:2]
PLL_CLSDWAIT[1:0]
RW
0x2
Y
Closed Loop Wait Period. The CLSDWAIT field sets the
closed loop wait period. Recommended value is 0x2.
CLSDWAIT
Anlog closed loop VCO
stabilization time
0 (0x0)
150 µs
1 (0x1)
300 µs
2 (0x2)
500 µs
3 (0x3)
2000 µs
[1:0]
PLL_VCOWAIT[1:0]
RW
0x1
Y
VCO Wait Period. Recommended value is 0x1.
VCOWAIT
VCO stabilization time
0 (0x0)
20 µs
1 (0x1)
400 µs
2 (0x2)
4000 µs
3 (0x3)
10000 µs


同様の部品番号 - LMK61E08

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M00 TI1-LMK61E0-050M00 Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M00 TI1-LMK61E0-050M00 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results

同様の説明 - LMK61E08

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMK61E2 TI1-LMK61E2_16 Datasheet
1Mb / 55P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator with Internal EEPROM
LMK61E0M TI1-LMK61E0M Datasheet
856Kb / 47P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator with Internal EEPROM
LMK61E07 TI1-LMK61E07 Datasheet
1Mb / 52P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator With Internal EEPROM
LMK61E2 TI1-LMK61E2 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator
logo
Micrel Semiconductor
MX852BB0030 MICREL-MX852BB0030 Datasheet
1Mb / 11P
   Ultra-Low Jitter XTAL Oscillator with Fanout
MX852EB0027 MICREL-MX852EB0027 Datasheet
1Mb / 11P
   Ultra-Low Jitter XTAL Oscillator with Fanout
logo
Silicon Laboratories
SI535 SILABS-SI535 Datasheet
323Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR
logo
Micrel Semiconductor
DSC8101 MICREL-DSC8101 Datasheet
682Kb / 6P
   Programmable Low-Jitter Precision CMOS Oscillator
DSC8102 MICREL-DSC8102 Datasheet
605Kb / 6P
   Programmable Low-Jitter Precision LVPECL Oscillator
DSC8103 MICREL-DSC8103 Datasheet
609Kb / 6P
   Programmable Low-Jitter Precision LVDS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com