データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

WSD6056DN56 データシート(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

部品番号. WSD6056DN56
部品情報  Dual N-Ch MOSFET
ダウンロード  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
ホームページ  http://www.winsok.tw/index.html
Logo 

WSD6056DN56 Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
WSD6056DN56
www.winsok.tw
Page 2
Rev 1: May.2019
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=250A
60
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=60V, VGS=0V
-
-
1
A
TJ=85°C
-
-
30
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=250A
1.2
1.5
2.5
V
IGSS
Gate Leakage Current
VGS=±20V, VDS=0V
-
-
±100
nA
DS(ON)
3
Drain-Source On-state Resistance
VGS=10V, IDS=20A
-
16
20
m
VGS=4.5V, IDS=15 A
-
20
25
Diode Characteristics
Diode Forward Voltage
ISD=1A, VGS=0V
-
0.75
1.2
V
trr
Reverse Recovery Time
ISD=20A, dlSD/dt=100A/µs
-
26
-
ns
Qrr
Reverse Recovery Charge
-
30
-
nC
Dynamic Characteristics
3,4
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
-
0.9
-
Ciss
Input Capacitance
VGS=0V,
VDS=30V,
F=1.0MHz Ω
-
945
-
pF
Coss
Output Capacitance
-
275
-
Crss
Reverse Transfer Capacitance
-
26
-
td(ON)
Turn-on Delay Time
VDD=30V,
IDS=1A
,
VGEN=10V
,
RG=3.3Ω.
-
10
-
ns
tr
Turn-on Rise Time
-
13.5
-
td(OFF)
Turn-off Delay Time
-
28
-
tf
Turn-off Fall Time
-
20
-
Gate Charge Characteristics 3,4
Qg
Total Gate Charge
VDS=30V,
VGS=10V, IDS=20A
-
28
-
nC
Qg
Total Gate Charge
VDS=30V, VGS=10V,
IDS=20A
-
17.6
-
Qgth
Threshold Gate Charge
-
3.5
-
Qgs
Gate-Source Charge
-
2.7
-
Qgd
Gate-Drain Charge
-
6.3
-
Dual N-Ch MOSFET
VSD
R
Note :
1.
Repetitive Rating : Pulsed width limited by maximum junction temperature.
2.
VDD=48V,VGS=10V,L=0.1mH,IAS=20A.,RG=25
Starting TJ=25
3.
The data tested by pulsed , pulse width
<=300us , duty cycle<=2%.
4.
Essentially independent of operating temperature.


Html ページ

1  2  3  4  5 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn