データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

WSD30140DN56 データシート(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

部品番号. WSD30140DN56
部品情報  N-Ch MOSFET
ダウンロード  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
ホームページ  http://www.winsok.tw/index.html
Logo 

WSD30140DN56 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-Sou
rce Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
1,7
85
A
ID@TC=
70℃
Continuous Drain Current, VGS @ 10V
1,7
65
A
IDM
Pulsed Drain Current
2
300
A
PD@TC=25℃
Total Power Dissipation
4
50
W
TSTG
Storage Temperature Range
-55 to 150
TJ
Operating Junction Temperature Range
-55 to 150
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient
1
---
55
/W
RθJC
Thermal Resistance Junction-Case
1
---
1.5
/W
BVDSS
RDSON
ID
30V
1.
7mΩ
85A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter
Networking DC-DC Power System
Power Tool Application
Absolute Maximum Ratings
Thermal Data
DFN5X6-8 Pin Configuration
Product Summery
N-Ch MOSFET
Page 1
www.winsok.tw
Dec.2014
The WSD30140DN56 is the highest performance
trench N-Ch MOSFET with extreme high
celldensity ,which provide excellent RDSON and gate
charge for most of the synchronous buck converter
applications .
The WSD30140DN56 meet the RoHS and Green
Product requirement , 100% EAS guaranteed
with full function reliability approved.
WSD30140DN56


Html ページ

1  2  3  4  5  6 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn