データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

WSD30160DN56 データシート(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

部品番号. WSD30160DN56
部品情報  N-Ch MOSFET
ダウンロード  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
ホームページ  http://www.winsok.tw/index.html
Logo 

WSD30160DN56 Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
30
---
---
V
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
---
0.02
---
V/℃
VGS=10V , ID=
20A
---
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=
4.5V , ID=15A
m
Ω
VGS(th)
Gate Threshold Voltage
1
.2
1.
7
2.5
V
VGS(th)
VGS(th) Temperature Coefficient
VGS=VDS , ID =250uA
---
-6.1
---
mV/℃
VDS=24V , VGS=0V , TJ=25℃
---
---
1
IDSS
Drain-Source Leakage Current
VDS=24V , VGS=0V , TJ=55℃
---
---
5
uA
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±
100
nA
gfs
Forward Transconductance
VDS=5V , ID=
10A
---
32
---
S
Rg
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
---
0.8
1.5
Ω
Qg
Total Gate Charge (4.5V)
---
38
---
Qgs
Gate-Source Charge
---
10
---
Qgd
Gate-Drain Charge
VDS=15V , VGS=4.5V , ID=
20A
---
13
---
nC
Td(on)
Turn-On Delay Time
---
25
---
Tr
Rise Time
---
23
---
Td(off)
Turn-Off Delay Time
---
95
---
Tf
Fall Time
VDD=15V , VGEN=10V , RG=6Ω,
ID=1A
, RL=15Ω.
---
40
---
ns
Ciss
Input Capacitance
4900
Coss
Output Capacitance
1180
Crss
Reverse Transfer Capacitance
VDS=15V , VGS=0V , f=1MHz
530
pF
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
1,6
---
---
20
A
ISM
Pulsed Source Current
2,6
VG=VD=0V , Force Current
---
---
200
A
VSD
Diode Forward Voltage
2
---
---
1.2
V
Note :
1.The data tested by surface mounted on a 1 inch
2 FR-4 board with 2OZ copper,t<10sec.
2.The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3.The EAS data shows Max. rating . The test condition is VDD=25V,VGS=10V,L=0.1mH,IAS=
30A
4.The power dissipation is limited by 150℃ junction temperature
5.The Min. value is 100% EAS tested guarantee.
6.The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
7.Package limitation current is 1
00A.
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Diode Characteristics
N-Ch MOSFET
Page 2
www.winsok.tw
Dec.2014
1.
9
2.5
2.9
3.5
WSD30160DN56
---
---
---
---
---
---
---


Html ページ

1  2  3  4  5 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn