データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

WSD80100DN56 データシート(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

部品番号. WSD80100DN56
部品情報  N-Ch MOSFET
ダウンロード  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
ホームページ  http://www.winsok.tw/index.html
Logo 

WSD80100DN56 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
80
V
VGS
Gate-Source Voltage
±
20
V
ID
Continuous Drain Current, VGS=10V,TC=25°C
100
A
Continuous Drain Current, VGS=10V,TC=100°C
80
A
IDM
Pulsed Drain Curren
t ,TC=25°C
380
A
EAS
Avalanche Energy, Single pulse,L=0.5mH
200
W
PD
Maximum Power Dissipation,TC=25°C
800
BVDSS
RDSON
ID
80V
6.1mΩ
100A
Reliable and Rugged
Lead Free and Green Devices Available
(RoHS Compliant)
General Description
Features
Applications
DC-DC converter switching for Networkong
General purpose switching
Absolute Maximum Ratings (TA=25°C Unless Otherwise Noted)
DFN5X6-8 Pin Configuration
Product Summery
N-Ch MOSFET
WSD80100DN56
Page 1
www.winsok.tw
Rev1.0. Jun.2019
The WSD80100DN56 is the highest performance
trench N-Ch MOSFET with extreme high cell
density , which provide excellent RDSON and gate
charge for most of the synchronous buck
converter applications .
The WSD80100DN56 meet the RoHS and Green
Product requirement , 100% EAS guaranteed with
full function reliability approved.
0.8
mJ
Maximum Junction Temperature
150
°C
Storage Temperature Range
-55 to 150
°C
TJ
ID
Thermal Resistance-Junction to Case
RqJC
°C


Html ページ

1  2  3  4  5 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn