データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

WSE9968A データシート(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

部品番号. WSE9968A
部品情報  N-Ch MOSFET
ダウンロード  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
ホームページ  http://www.winsok.tw/index.html
Logo 

WSE9968A Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
100
V
VGS
Gate-Source Voltage
±
20
V
ID@TA=25℃
Continuous Drain Current, VGS @ 10V1
4.2
A
ID@TA=70℃
Continuous Drain Current, VGS @ 10V1
3.4
A
IDM
Pulsed Drain Current2
16
A
EAS
Single Pulse Avalanche Energy3
12
mJ
IAS
Avalanche Current
7.0
A
PD@TA=25℃
Total Power Dissipation3
3.5
W
TSTG
Storage Temperature Range
-55 to 150
TJ
Operating Junction Temperature Range
-55 to 150
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-ambient 1
---
85
/W
RθJC
Thermal Resistance Junction-Case1
---
35
/W
BVDSS
RDSON
ID
100V
80mΩ
4.2A
General Description
Features
Applications
High Frequency Point-of-Load Synchronous s
Small power switching for MB/NB/UMPC/VGA
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
SOT-89 Pin Configuration
Product Summery
N-Ch MOSFET
WSE9968A
Page 1
www.winsok.tw
Dec.2015
The WSE9968 is the highest performance trench
N-Ch MOSFET with extreme high cell density ,
which provide excellent RDSON and gate charge
for most of the synchronous buck converter
applications .
The WSE9968 meet the RoHS and Green Pro
duct requirement , 100% EAS guaranteed with full
function reliability approved.
High-speed switching
Green Device Available
ESD Protected:2KV


Html ページ

1  2  3  4  5 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn