データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

WSF12N10 データシート(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

部品番号. WSF12N10
部品情報  N-Ch MOSFET
ダウンロード  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
ホームページ  http://www.winsok.tw/index.html
Logo 

WSF12N10 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
100
V
VGS
Gate-Sou
rce Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
1
10
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V
1
7
A
IDM
Pulsed Drain Current
2
15
A
EAS
Single Pulse Avalanche Energy
3
15
mJ
IAS
Avalanche Current
6
A
PD@TC=25℃
Total Power Dissipation
3
60
W
PD@TC=100℃
Total Power Dissipation
3
30
W
TSTG
Storage Temperature Range
-55 to 1
70
TJ
Operating Junction Temperature Range
-55 to 1
70
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-ambient
1
---
50
/W
RθJC
Thermal Resistance Junction-Case
1
---
2.5
/W
BVDSS
RDSON
ID
100V
175mΩ
12A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent Cdv/dt effect decline
Green Device Available
General Description
Features
Applications
Absolute Maximum Ratings
Thermal Data
TO-252 Pin Configuration
Product Summery
High Frequency Point-of-Load Synchronous
Buck Converter
Networking DC-DC Power System
Load Switch
The WSF12N10 is the highest performance
trench N-ch MOSFET with extreme high cell
density , which provide excellent RDSON and
gate charge for most of the synchronous buck
converter applications .
The WSF12N10 meet the RoHS and Green
Product requirement , 100% EAS guaranteed
with full function reliability approved.
N-Ch MOSFET
Page 1
www.winsok.tw
Dec.2014
WSF12N10
S
G
D


Html ページ

1  2  3  4  5  6 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn