データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMR50410-Q1 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMR50410-Q1
部品情報  LMR50410-Q1 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 package
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMR50410-Q1 データシート(HTML) 1 Page - Texas Instruments

  LMR50410-Q1 Datasheet HTML 1Page - Texas Instruments LMR50410-Q1 Datasheet HTML 2Page - Texas Instruments LMR50410-Q1 Datasheet HTML 3Page - Texas Instruments LMR50410-Q1 Datasheet HTML 4Page - Texas Instruments LMR50410-Q1 Datasheet HTML 5Page - Texas Instruments LMR50410-Q1 Datasheet HTML 6Page - Texas Instruments LMR50410-Q1 Datasheet HTML 7Page - Texas Instruments LMR50410-Q1 Datasheet HTML 8Page - Texas Instruments LMR50410-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
LMR50410-Q1 SIMPLE SWITCHER® 4-V to 36-V, 1-A Buck Converter in SOT-23-6
package
1 Features
• AEC-Q100 qualified
– Temperature grade 1: –40°C to 125°C ambient
operating temperature range
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Configured for rugged automotive applications
– Input voltage range: 4 V to 36 V
– 1-A continuous output current
– Minimum switching-on time: 60 ns
– 2.1-MHz fixed switching frequency
– Junction temperature range: –40°C to 150°C
– 98% maximum duty cycle
– Monotonic start-up with pre-biased output
– Internal short circuit protection with hiccup
mode
– ±1% tolerance voltage reference
– Precision enable
• Small solution size and ease of use
– Integrated synchronous rectification
– Internal compensation for ease of use
– SOT-23-6 package
• Pin-to-pin compatible with TPS560430-Q1
• Various options in pin-to-pin compatible package
– PFM and forced PWM (FPWM) options
– Fixed 3.3-V output option
• Create a custom design using the LMR50410-Q1
with the WEBENCH® Power Designer
2 Applications
• Body electronics and lighting
• Infotainment and cluster
• ADAS
• General purpose wide VIN power supplies
3 Description
The LMR50410-Q1 is a wide-VIN, easy-to-use
synchronous buck converter capable of driving up to
1-A load current. With a wide input range of 4 V to 36
V, the device is suitable for a wide range of
automotive applications for power conditioning from
an unregulated source.
The LMR50410-Q1 operates at 2.1-MHz switching
frequency to support use of relatively small inductors
for an optimized solution size. It has an PFM version
to realize high efficiency at light load , and small
output voltage ripple over the full load range. Soft-
start and compensation circuits are implemented
internally which allows the device to be used with
minimum external components.
The device has built-in protection features, such as
cycle-by-cycle current limit, hiccup mode short-circuit
protection, and thermal shutdown in case of excessive
power dissipation. The LMR50410-Q1 is available in
SOT-23-6 package.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMR50410-Q1
SOT-23-6
2.90 mm × 1.60 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
CB
SW
L
CBOOT
FB
VIN
VIN up to 36 V
COUT
EN
CIN
GND
VOUT
RFBT
RFBB
Simplified Schematic
IOUT(A)
0.001 0.002
0.005 0.01 0.02
0.05
0.1
0.2 0.3 0.5
1
40
50
60
70
80
90
100
VIN=8V
VIN=12V
VIN=24V
VIN=36V
Efficiency versus Output Current VOUT = 5 V,
2.1MHz , PFM
www.ti.com
LMR50410-Q1
SLUSDW4 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: LMR50410-Q1
LMR50410-Q1
SLUSDW4 – JULY 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


同様の部品番号 - LMR50410-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR50410-Q1 TI-LMR50410-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   LMR50410 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 Package
LMR50410-Q1 TI-LMR50410-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   LMR50410-Q1 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 Package
LMR50410-Q1 TI-LMR50410-Q1_V01 Datasheet
2Mb / 38P
[Old version datasheet]   LMR50410-Q1 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 Package
More results

同様の説明 - LMR50410-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR50410-Q1 TI-LMR50410-Q1_V01 Datasheet
2Mb / 38P
[Old version datasheet]   LMR50410-Q1 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 Package
LMR50410 TI-LMR50410_V01 Datasheet
1Mb / 33P
[Old version datasheet]   LMR50410 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 Package
LMR50410 TI1-LMR50410 Datasheet
1Mb / 31P
[Old version datasheet]   LMR50410 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 package
LMR54410 TI-LMR54410 Datasheet
1Mb / 27P
[Old version datasheet]   LMR544xx SIMPLE SWITCHER짰 4-V to 36-V, 0.6-A/1-A Buck Converter in a SOT-23 Package
SLUSEG8 ??OCTOBER 2021
LMR51420 TI-LMR51420 Datasheet
2Mb / 33P
[Old version datasheet]   LMR51420 SIMPLE SWITCHER짰 Power Converter 4.5-V to 36-V, 2-A, Synchronous Buck Converter in a SOT-23 Package
SLUSEF6 ??OCTOBER 2021
LMR51420 TI-LMR51420_V01 Datasheet
2Mb / 34P
[Old version datasheet]   LMR51420 SIMPLE SWITCHER® 4.5-V to 36-V, 2-A, Synchronous Buck Converter in a SOT-23 Package
REVISED AUGUST 2022
LMR51430 TI-LMR51430 Datasheet
1Mb / 34P
[Old version datasheet]   LMR51430 SIMPLE SWITCHER® 4.5-V to 36-V, 3-A, Synchronous Buck Converter in a SOT-23 Package
JUNE 2022
LMR51610 TI-LMR51610 Datasheet
2Mb / 36P
[Old version datasheet]   LMR516xx SIMPLE SWITCHER® Power Converter, 4-V to 65-V, 0.6-A/1-A, Buck Converter in a SOT-23 Package
JUNE 2023
LM43601-Q1 TI1-LM43601-Q1_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
TPS560430-Q1 TI1-TPS560430-Q1_V01 Datasheet
736Kb / 31P
[Old version datasheet]   TPS560430-Q1 SIMPLE SWITCHER짰 4-V to 36-V, 600-mA synchronous step-down converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com