データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OPA388-Q1 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 OPA388-Q1
部品情報  OPA388-Q1 Automotive, Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

OPA388-Q1 データシート(HTML) 1 Page - Texas Instruments

  OPA388-Q1 Datasheet HTML 1Page - Texas Instruments OPA388-Q1 Datasheet HTML 2Page - Texas Instruments OPA388-Q1 Datasheet HTML 3Page - Texas Instruments OPA388-Q1 Datasheet HTML 4Page - Texas Instruments OPA388-Q1 Datasheet HTML 5Page - Texas Instruments OPA388-Q1 Datasheet HTML 6Page - Texas Instruments OPA388-Q1 Datasheet HTML 7Page - Texas Instruments OPA388-Q1 Datasheet HTML 8Page - Texas Instruments OPA388-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
OPA388-Q1 Automotive, Precision, Zero-Drift, Zero-Crossover,
True Rail-to-Rail, Input/Output Operational Amplifier
1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: -40°C to +125°C, TA
• Functional-Safety Capable
– Documentation available to aid functional safety
system design
• Zero drift: ±0.005 µV/°C
• Zero crossover: 140-dB CMRR true RRIO
• Low noise: 7.0 nV√ Hz at 1 kHz
• No 1/f noise: 140 nVPP (0.1 Hz to 10 Hz)
• Fast settling: 2 µs (1 V to 0.01%)
• Gain bandwidth: 10 MHz
• Single supply: 2.5 V to 5.5 V
• Dual supply: ±1.25 V to ±2.75 V
• True rail-to-rail input and output
• EMI/RFI filtered inputs
• Industry-standard package: SOT-23-5
2 Applications
• HEV/EV inverter and motor control
• Battery management system (BMS)
• DC/DC converter
• Onboard (OBC) and wireless charger
3 Description
The OPA388-Q1 precision, operational amplifier is an
automotive, low-noise, fast-settling, zero-drift device
that provides rail-to-rail input and output operation.
Excellent ac performance, combined with only
0.25 µV of offset and 0.005 µV/°C of drift over
temperature, make the OPA388-Q1 a great choice for
driving high-resolution, analog-to-digital converters
(ADCs) with high accuracy. Zero-crossover
technology minimizes any offset change over the
common-mode range. The combination of low drift
and very low 1/f noise allow the OPA388-Q1 to
monitor and detect faulty conditions without
compromising signal integrity.
The OPA388-Q1 is available in the SOT23-5 package.
The device is specified over the industrial temperature
range of –40°C to +125°C.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA388-Q1
SOT-23 (5)
2.90 mm × 1.60 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
+
+
±
I
LOAD
V
BUS
V
OUT
V
CC
V
CC
V
REF
+
±
V
SHUNT
V
CC
U1A
U1B
R
4
R
SHUNT
R
1
R
3
R
L
R
5
R
6
R
2
The OPA388-Q1 in a Bidirectional Current Shunt
Monitor
±5
±4
±3
±2
±1
0
1
2
3
4
5
±3
±2
±1
0
1
2
3
Input Common-mode Voltage (V)
C003
V
CM = ±2.85 V
V
CM = 2.85 V
The OPA388-Q1 Features Ultra-Low Offset Across
the Full Common-Mode Range
www.ti.com
OPA388-Q1
SBOS989 – AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: OPA388-Q1
OPA388-Q1
SBOS989 – AUGUST 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


同様の部品番号 - OPA388-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
OPA388-Q1 TI-OPA388-Q1 Datasheet
2Mb / 34P
[Old version datasheet]   OPAx388-Q1 Automotive, Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
NOVEMBER 2021
OPA388-Q1 TI-OPA388-Q1_V01 Datasheet
2Mb / 34P
[Old version datasheet]   OPAx388-Q1 Automotive, Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
NOVEMBER 2021
More results

同様の説明 - OPA388-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
OPA388-Q1 TI-OPA388-Q1_V01 Datasheet
2Mb / 34P
[Old version datasheet]   OPAx388-Q1 Automotive, Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
NOVEMBER 2021
OPA388 TI1-OPA388_19 Datasheet
2Mb / 45P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
OPA388 TI1-OPA388_18 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388_17 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388_1812 TI1-OPA388_1812 Datasheet
2Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388_V01 Datasheet
2Mb / 45P
[Old version datasheet]   OPAx388 Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
logo
Analog Devices
AD8628ART AD-AD8628ART Datasheet
449Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. I
AD8629S AD-AD8629S_17 Datasheet
151Kb / 9P
   Zero-Drift, Single-Supply Rail-to-Rail Input/Output Operational Amplifier
AD8629S AD-AD8629S Datasheet
138Kb / 8P
   Zero-Drift, Single-Supply Rail-to-Rail Input/Output Operational Amplifier
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com