データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OPA862 データシート(PDF) 15 Page - Texas Instruments

部品番号 OPA862
部品情報  OPA862 High Input Impedance, Single-Ended to Differential ADC Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

OPA862 データシート(HTML) 15 Page - Texas Instruments

Back Button OPA862_V02 Datasheet HTML 11Page - Texas Instruments OPA862_V02 Datasheet HTML 12Page - Texas Instruments OPA862_V02 Datasheet HTML 13Page - Texas Instruments OPA862_V02 Datasheet HTML 14Page - Texas Instruments OPA862_V02 Datasheet HTML 15Page - Texas Instruments OPA862_V02 Datasheet HTML 16Page - Texas Instruments OPA862_V02 Datasheet HTML 17Page - Texas Instruments OPA862_V02 Datasheet HTML 18Page - Texas Instruments OPA862_V02 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
Frequency (Hz)
10
15
20
25
30
35
40
45
50
55
60
65
100k
1M
10M
D055
VS = 10 V
VS = 5 V
VS = 3.3 V
Figure 6-45. Output Balance vs Frequency
Frequency (Hz)
-5
-2
1
4
7
1M
10M
100M
D007
TA = 40qC
TA = 25qC
TA = 85qC
TA = 125qC
VS = 5 V, VOD = 20 mVPP
Figure 6-46. Small-Signal Frequency Response vs
Temperature
Output Load Current (mA)
0
5
10
15
20
25
30
35
40
45
50
55
60
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
D031
TA = 40qC
TA = 25qC
TA = 85qC
TA = 125qC
VS = 10 V, single-ended output voltage and load current for A1
and A2
Figure 6-47. Output Saturation Voltage vs Output
Load Current
Voltage Supply, VS (V)
3
4
5
6
7
8
9
10
11
12
13
2.94
2.96
2.98
3.00
3.02
3.04
3.06
3.08
3.10
3.12
3.14
D033
Figure 6-48. Quiescent Current vs Voltage Supply
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
2.25
2.50
2.75
3.00
3.25
3.50
3.75
4.00
D034
VS = 12.6 V
VS = 10 V
VS = 5 V
VS = 3.3 V
VS = 3 V
Figure 6-49. Quiescent Current vs Temperature
Voltage Supply, VS (V)
3
4
5
6
7
8
9
10
11
12
13
4
6
8
10
12
14
16
18
20
D035
TA = 40qC
TA = 25qC
TA = 85qC
TA = 125qC
Figure 6-50. Power-Down Quiescent Current vs
Voltage Supply
www.ti.com
OPA862
SBOS919C – AUGUST 2019 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: OPA862


同様の部品番号 - OPA862_V02

メーカー部品番号データシート部品情報
logo
Texas Instruments
OPA862 TI1-OPA862_V01 Datasheet
3Mb / 39P
[Old version datasheet]   OPA862 High Input Impedance, Single-Ended to Differential ADC Driver
More results

同様の説明 - OPA862_V02

メーカー部品番号データシート部品情報
logo
Texas Instruments
OPA862 TI1-OPA862_V01 Datasheet
3Mb / 39P
[Old version datasheet]   OPA862 High Input Impedance, Single-Ended to Differential ADC Driver
OPA862 TI1-OPA862 Datasheet
920Kb / 24P
[Old version datasheet]   OPA862 12.6-V, Low-Noise, Single-Ended-to-Differential, High Input Impedance Amplifier
logo
Linear Technology
LT6350 LINER-LT6350_15 Datasheet
877Kb / 28P
   Low Noise Single-Ended to Differential Converter/ADC Driver
LT6350 LINER-LT6350 Datasheet
572Kb / 28P
   Low Noise Single-Ended to Differential Converter/ADC Driver
logo
Analog Devices
AD7266BSUZ-REEL AD-AD7266BSUZ-REEL Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual
REV. B
logo
Maxim Integrated Produc...
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
   Differential or Single-Ended Input
Rev 0; 8/09
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
   Differential Input and Single-Ended Output
logo
Texas Instruments
DEM-ADS807E TI1-DEM-ADS807E_14 Datasheet
328Kb / 9P
[Old version datasheet]   SINGLE-ENDED OR DIFFERENTIAL INPUT CONFIGURATION
VCA261XEVM TI1-VCA261XEVM Datasheet
405Kb / 10P
[Old version datasheet]   SINGLE-ENDED TO DIFFERENTIAL INPUT VIA TRANSFORMERS FOR VCA
logo
Analog Devices
ADA4941-1 AD-ADA4941-1_15 Datasheet
696Kb / 25P
   Single-Supply, Differential 18-Bit ADC Driver
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com