データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RM48L940 データシート(PDF) 56 Page - Texas Instruments

部品番号 RM48L940
部品情報  RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

RM48L940 データシート(HTML) 56 Page - Texas Instruments

Back Button RM48L940_V01 Datasheet HTML 52Page - Texas Instruments RM48L940_V01 Datasheet HTML 53Page - Texas Instruments RM48L940_V01 Datasheet HTML 54Page - Texas Instruments RM48L940_V01 Datasheet HTML 55Page - Texas Instruments RM48L940_V01 Datasheet HTML 56Page - Texas Instruments RM48L940_V01 Datasheet HTML 57Page - Texas Instruments RM48L940_V01 Datasheet HTML 58Page - Texas Instruments RM48L940_V01 Datasheet HTML 59Page - Texas Instruments RM48L940_V01 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 174 page
background image
RM48L940, RM48L740, RM48L540
SPNS175C – APRIL 2012 – REVISED JUNE 2015
www.ti.com
6.5
ARM Cortex-R4F CPU Information
6.5.1
Summary of ARM Cortex-R4F CPU Features
The features of the ARM Cortex-R4F CPU include:
An integer unit with integral EmbeddedICE-RT logic.
High-speed Advanced Microprocessor Bus Architecture (AMBA) Advanced eXtensible Interfaces (AXI)
for Level two (L2) master and slave interfaces.
Floating Point Coprocessor
Dynamic branch prediction with a global history buffer, and a 4-entry return stack
Low interrupt latency.
Nonmaskable interrupt.
A Harvard Level one (L1) memory system with:
Tightly Coupled Memory (TCM) interfaces with support for error correction or parity checking
memories
ARMv7-R architecture Memory Protection Unit (MPU) with 12 regions
Dual core logic for fault detection in safety-critical applications.
An L2 memory interface:
Single 64-bit master AXI interface
64-bit slave AXI interface to TCM RAM blocks
A debug interface to a CoreSight Debug Access Port (DAP).
Six Hardware Breakpoints
Two Watchpoints
A trace interface to a CoreSight ETM-R4.
A Performance Monitoring Unit (PMU).
A Vectored Interrupt Controller (VIC) port.
For more information on the ARM Cortex-R4F CPU see www.arm.com.
6.5.2
ARM Cortex-R4F CPU Features Enabled by Software
The following CPU features are disabled on reset and must be enabled by the application if required.
ECC On TCM Accesses
Hardware VIC Port
Floating Point Coprocessor
MPU
6.5.3
Dual Core Implementation
The device has two Cortex-R4F cores, where the output signals of both CPUs are compared in the CCM-
R4 unit. To avoid common mode impacts the signals of the CPUs to be compared are delayed by two
clock cycles as shown in Figure 6-3.
The CPUs have a diverse CPU placement given by following requirements:
different orientation; for example, CPU1 = "north" orientation, CPU2 = "flip west" orientation
dedicated guard ring for each CPU
56
System Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback


同様の部品番号 - RM48L940_V01

メーカー部品番号データシート部品情報
logo
Texas Instruments
RM48L940DPGET TI1-RM48L940DPGET Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
RM48L940DZWTT TI1-RM48L940DZWTT Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
RM48L940PGET TI1-RM48L940PGET Datasheet
2Mb / 152P
[Old version datasheet]   RM48Lx40 16/32-Bit RISC Flash Microcontroller
RM48L940ZWTT TI1-RM48L940ZWTT Datasheet
2Mb / 152P
[Old version datasheet]   RM48Lx40 16/32-Bit RISC Flash Microcontroller
RM48L940 TI1-RM48L940_15 Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
More results

同様の説明 - RM48L940_V01

メーカー部品番号データシート部品情報
logo
Texas Instruments
RM48L940 TI1-RM48L940_15 Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
RM48L940 TI1-RM48L940 Datasheet
2Mb / 152P
[Old version datasheet]   RM48Lx40 16/32-Bit RISC Flash Microcontroller
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com