データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HCS165-Q1 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74HCS165-Q1
部品情報  SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS165-Q1 データシート(HTML) 7 Page - Texas Instruments

Back Button SN74HCS165-Q1 Datasheet HTML 3Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 4Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 5Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 6Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 7Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 8Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 9Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 10Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
CL = 50 pF; over operating free-air temperature range (unless otherwise noted). See Parameter Measurement
Information.
PARAMETER
FROM
TO
VCC
Operating free-air temperature (TA)
UNIT
25°C
–40°C to 125°C
MIN
TYP
MAX
MIN
TYP
MAX
tt
Transition-time
Any output
2 V
9
17
ns
4.5 V
5
8
6 V
4
7
6.8 Operating Characteristics
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX UNIT
Cpd
Power dissipation capacitance
per gate
No load
2 V to 6 V
20
pF
www.ti.com
SN74HCS165-Q1
SCLS826 – AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: SN74HCS165-Q1


同様の部品番号 - SN74HCS165-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HCS165-Q1 TI-SN74HCS165-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   SN74HCS165 8-Bit Parallel-Load Shift Registers
SN74HCS165-Q1 TI-SN74HCS165-Q1 Datasheet
2Mb / 31P
[Old version datasheet]   SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
SN74HCS165-Q1 TI-SN74HCS165-Q1 Datasheet
2Mb / 34P
[Old version datasheet]   SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
SN74HCS165-Q1 TI-SN74HCS165-Q1 Datasheet
2Mb / 35P
[Old version datasheet]   SN74HCS165 8-Bit Parallel-Load Shift Registers
SN74HCS165-Q1 TI-SN74HCS165-Q1 Datasheet
2Mb / 37P
[Old version datasheet]   SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
DECEMBER 2021
More results

同様の説明 - SN74HCS165-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HCS165-Q1 TI-SN74HCS165-Q1_V02 Datasheet
2Mb / 34P
[Old version datasheet]   SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
SN74HCS165-Q1 TI-SN74HCS165-Q1_V03 Datasheet
2Mb / 37P
[Old version datasheet]   SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
DECEMBER 2021
SN74HCS165-Q1 TI-SN74HCS165-Q1_V01 Datasheet
2Mb / 31P
[Old version datasheet]   SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
SN74HCS165 TI-SN74HCS165 Datasheet
1Mb / 26P
[Old version datasheet]   SN74HCS165 8-Bit Parallel-Load Shift Registers
SN74HCS165 TI-SN74HCS165_V01 Datasheet
2Mb / 35P
[Old version datasheet]   SN74HCS165 8-Bit Parallel-Load Shift Registers
SN74HCT165-Q1 TI-SN74HCT165-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   SN74HCT165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
SCLS882 ??OCTOBER 2021
SN74LV8T165-Q1 TI1-SN74LV8T165-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   SN74LV8T165-Q1 Automotive Parallel-Load 8-Bit Shift Registers
AUGUST 2023
SN74LV8T165-Q1 TI1-SN74LV8T165-Q1_V01 Datasheet
1Mb / 33P
[Old version datasheet]   SN74LV8T165-Q1 Automotive Parallel-Load 8-Bit Shift Registers
REVISED NOVEMBER 2023
SN74LV165A-Q1 TI-SN74LV165A-Q1_V01 Datasheet
1Mb / 27P
[Old version datasheet]   SN74LV165A-Q1 Automotive Parallel-Load 8-Bit Shift Registers
REVISED DECEMBER 2022
SN74LV165A-Q1 TI-SN74LV165A-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   SN74LV165A-Q1 Automotive Parallel-Load 8-Bit Shift Registers
JULY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com