データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

SN74HCS244-Q1 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号. SN74HCS244-Q1
部品情報  SN74HCS244-Q1 Automotive Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
ダウンロード  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo 

SN74HCS244-Q1 Datasheet(HTML) 3 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
5 Pin Configuration and Functions
1
2
3
4
5
6
7
20
19
18
17
16
15
14
8
13
9
12
10
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
V
CC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
PW Package 20-Pin TSSOP Top View
Pin Functions
PIN
I/O(1)
DESCRIPTION
TSSOP NO.
NAME
1
1OE
I
Bank 1, output enable, active low
2
1A1
I
Bank 1, channel 1 input
3
2Y4
O
Bank 2, channel 4 output
4
1A2
I
Bank 1, channel 2 input
5
2Y3
O
Bank 2, channel 3 output
6
1A3
I
Bank 1, channel 3 input
7
2Y2
O
Bank 2, channel 2 output
8
1A4
I
Bank 1, channel 4 input
9
2Y1
O
Bank 2, channel 1 output
10
GND
Ground
11
2A1
I
Bank 2, channel 1 input
12
1Y4
O
Bank 1, channel 4 output
13
2A2
I
Bank 2, channel 2 input
14
1Y3
O
Bank 1, channel 3 output
15
2A3
I
Bank 2, channel 3 input
16
1Y2
O
Bank 1, channel 2 output
17
2A4
I
Bank 2, channel 4 input
18
1Y1
O
Bank 1, channel 1 output
19
2OE
I
Bank 2, output enable, active low
20
VCC
Positive supply
www.ti.com
SN74HCS244-Q1
SCLS821 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74HCS244-Q1


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn