データシートサーチシステム |
|
AM79535-1DC データシート(PDF) 7 Page - Advanced Micro Devices |
|
AM79535-1DC データシート(HTML) 7 Page - Advanced Micro Devices |
7 / 20 page SLIC Products 7 ELECTRICAL CHARACTERISTICS (continued) Description Test Conditions (See Note 1) Min Typ Max Unit Note Balance Return Signal (4- to 4-Wire, See Test Circuit B) Gain accuracy 0 dBm, 1 kHz 0 °C to +70°C 0dBm, 1kHz –40 °C to +85°C 0dBm, 1kHz 0 °C to +70°C –1* 0dBm, 1kHz –40 °C to +85°C –1 –0.15 –0.20 –0.1 –0.15 +0.15 +0.20 +0.1 +0.15 dB 4 4 Variation with frequency 300 Hz to 3.4 kHz (relative to 1 kHz): 0 °C to +70°C –40 °C to +85°C –0.1 –0.15 +0.1 +0.15 4 Gain tracking +7 dBm to –55 dBm: 0 °C to +70°C –40 °C to +85°C –0.1 –0.15 +0.1 +0.15 4 4 Group delay f = 1 kHz 5.3 µs4 Total Harmonic Distortion (2- to 4-Wire or 4- to 2-Wire, See Test Circuits A and B) Total harmonic distortion 0 dBm, 300 Hz to 3.4 kHz +9 dBm, 300 Hz to 3.4 kHz –64 –55 –50 –40 dB Idle Channel Noise C-message weighted noise 2-wire: 0 °C to +70°C 2-wire: 0 °C to +70°C –1* 2-wire: –40 °C to +85°C +7 +7 +7 +15 +12 +15 dBrnC 4 4-wire 0 °C to +70°C 4-wire 0 °C to +70°C –1* 4-wire –40 °C to +85°C +7 +7 +7 +15 +12 +15 4 Psophometric weighted noise 2-wire 0 °C to +70°C 2-wire 0 °C to +70°C –1* 2-wire –40 °C to +85°C –83 –83 –83 –75 –78 –75 dBmp 7 4 4-wire 0 °C to +70°C 4-wire 0 °C to +70°C –1* 4-wire –40 °C to +85°C –83 –83 –83 –75 –78 –75 7 4 Single Frequency Out-of-Band Noise (See Test Circuit E) Metallic 4 kHz to 9 kHz 9 kHz to 1 MHz 256 kHz and harmonics –76 –76 –57 dBm 4, 5, 9 4, 5, 9 4, 5 Longitudinal 1 kHz to 15 kHz Above 15 kHz 256 kHz and harmonics –70 –85 –57 4 4, 5, 9 4, 5 DC Feed Currents (See Figure 1) BAT = –48 V Active state loop-current accuracy ILOOP (nominal) = 40 mA –7.5 +7.5 % OHT state RL =600 Ω 18 20 22 mA Tip Open state RL =600 Ω 1.0 Open Circuit state RL =0 Ω 1.0 Fault current limit, ILLIM (IAX +IBX) A and B shorted to GND 130 |
同様の部品番号 - AM79535-1DC |
|
同様の説明 - AM79535-1DC |