データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV4021 データシート(PDF) 24 Page - Texas Instruments

部品番号 TLV4021
部品情報  TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TLV4021 データシート(HTML) 24 Page - Texas Instruments

Back Button TLV4021_V03 Datasheet HTML 20Page - Texas Instruments TLV4021_V03 Datasheet HTML 21Page - Texas Instruments TLV4021_V03 Datasheet HTML 22Page - Texas Instruments TLV4021_V03 Datasheet HTML 23Page - Texas Instruments TLV4021_V03 Datasheet HTML 24Page - Texas Instruments TLV4021_V03 Datasheet HTML 25Page - Texas Instruments TLV4021_V03 Datasheet HTML 26Page - Texas Instruments TLV4021_V03 Datasheet HTML 27Page - Texas Instruments TLV4021_V03 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
24
TLV4021, TLV4031, TLV4041, TLV4051
SNVSB04B – MARCH 2019 – REVISED JUNE 2020
www.ti.com
Product Folder Links: TLV4021 TLV4031 TLV4041 TLV4051
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Typical Application (continued)
(5)
Since the range of possible RPU values is large, a value between 5 kΩ and 100 kΩ is generally recommended. A
smaller RPU value provides faster output transition time and better noise immunity, while a larger RPU value
consumes less power when in a logic low output state.
8.2.2.2 Input Supply Capacitor
Although an input capacitor is not required for stability, for good analog design practice, connect a 100 nF low
equivalent series resistance (ESR) capacitor from (V+) to (V-).
8.2.2.3 Sense Capacitor
Although not required in most cases, for extremely noisy applications, place a 1 nF to 100 nF bypass capacitor
from the comparator input (IN) to the (V-) for good analog design practice. This capacitor placement reduces
device sensitivity to transients.
8.3 What to Do and What Not to Do
Do connect a 100 nF decoupling capacitor from (V+) to (V-) for best system performance.
If the monitored voltage is noisy, do connect a decoupling capacitor from the comparator input (IN) to (V-).
Don't use resistors for the voltage divider that cause the current through them to be less than 100 times the input
current of the comparator without also accounting for the impact on accuracy.
Don't use a pull-up resistor that is too small because the larger current sunk by the output may exceed the
desired low-level output voltage (VOL).


同様の部品番号 - TLV4021_V03

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV4021 TI1-TLV4021_V01 Datasheet
1Mb / 33P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Threshold
TLV4021 TI1-TLV4021_V02 Datasheet
1Mb / 33P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Threshold
TLV4021 TI-TLV4021_V04 Datasheet
2Mb / 36P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
DECEMBER 2021
TLV4021 TI-TLV4021_V05 Datasheet
1Mb / 36P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
DECEMBER 2021
More results

同様の説明 - TLV4021_V03

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV4021 TI-TLV4021_V05 Datasheet
1Mb / 36P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
DECEMBER 2021
TLV4021 TI-TLV4021_V04 Datasheet
2Mb / 36P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
DECEMBER 2021
TLV4021 TI1-TLV4021_V01 Datasheet
1Mb / 33P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Threshold
TLV4021 TI1-TLV4021_V02 Datasheet
1Mb / 33P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Threshold
TLV4021 TI1-TLV4021 Datasheet
635Kb / 21P
[Old version datasheet]   Small-Size, Low-Power Comparator with Precision Reference
TLV4021 TI1-TLV4021_19 Datasheet
1Mb / 33P
[Old version datasheet]   Small-Size, Low-Power Comparator with Precision Threshold
TLV4011-Q1 TI-TLV4011-Q1 Datasheet
841Kb / 17P
[Old version datasheet]   TLV4011-Q1 Low-Power Comparator with Precision Reference
TLV7081 TI1-TLV7081 Datasheet
409Kb / 18P
[Old version datasheet]   Nano-Power, Small-Size, Low-Voltage Comparator
TLV4011 TI1-TLV4011 Datasheet
574Kb / 19P
[Old version datasheet]   TLV4011 Precision Comparator with Integrated Reference
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com