データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV9151 データシート(PDF) 17 Page - Texas Instruments

部品番号 TLV9151
部品情報  TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TLV9151 データシート(HTML) 17 Page - Texas Instruments

Back Button TLV9151_V02 Datasheet HTML 13Page - Texas Instruments TLV9151_V02 Datasheet HTML 14Page - Texas Instruments TLV9151_V02 Datasheet HTML 15Page - Texas Instruments TLV9151_V02 Datasheet HTML 16Page - Texas Instruments TLV9151_V02 Datasheet HTML 17Page - Texas Instruments TLV9151_V02 Datasheet HTML 18Page - Texas Instruments TLV9151_V02 Datasheet HTML 19Page - Texas Instruments TLV9151_V02 Datasheet HTML 20Page - Texas Instruments TLV9151_V02 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 61 page
background image
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
140
145
150
155
160
165
170
D016
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
85
90
95
100
105
110
115
120
125
130
135
D015
PMOS (VCM
V+
1.5 V)
NMOS (VCM
V+
1.5 V)
Frequency (Hz)
0
15
30
45
60
75
90
105
120
135
100
1k
10k
100k
1M
10M
C003
CMRR
PSRR+
PSRR
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
V
V + 1 V
V + 2 V
V + 3 V
V + 4 V
V + 5 V
V + 6 V
V + 7 V
V + 8 V
D012
-40°C
25°C
125°C
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-100
-75
-50
-25
0
25
50
75
100
125
150
D011
IB
IB+
IOS
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
V+
V+
1 V
V+
2 V
V+
3 V
V+
4 V
V+
5 V
V+
6 V
V+
7 V
V+
8 V
V+
9 V
V+
10 V
D012
-40°C
25°C
125°C
17
TLV9151, TLV9152, TLV9154
www.ti.com
SBOS986B – OCTOBER 2019 – REVISED MAY 2020
Product Folder Links: TLV9151 TLV9152 TLV9154
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±8 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 10 pF (unless otherwise noted)
Figure 13. Input Bias Current vs Temperature
Figure 14. Output Voltage Swing vs Output Current
(Sourcing)
Figure 15. Output Voltage Swing vs Output Current
(Sinking)
Figure 16. CMRR and PSRR vs Frequency
f = 0 Hz
Figure 17. CMRR vs Temperature (dB)
f = 0 Hz
Figure 18. PSRR vs Temperature (dB)


同様の部品番号 - TLV9151_V02

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV9151 TI1-TLV9151_V01 Datasheet
3Mb / 52P
[Old version datasheet]   TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI-TLV9151_V03 Datasheet
4Mb / 63P
[Old version datasheet]   TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI-TLV9151_V04 Datasheet
5Mb / 72P
[Old version datasheet]   TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI-TLV9151_V05 Datasheet
5Mb / 76P
[Old version datasheet]   TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI-TLV9151_V06 Datasheet
5Mb / 77P
[Old version datasheet]   TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
JANUARY 2022
More results

同様の説明 - TLV9151_V02

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV9151 TI-TLV9151_V03 Datasheet
4Mb / 63P
[Old version datasheet]   TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9152 TI1-TLV9152 Datasheet
1Mb / 37P
[Old version datasheet]   TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI-TLV9151_V04 Datasheet
5Mb / 72P
[Old version datasheet]   TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI1-TLV9151_V01 Datasheet
3Mb / 52P
[Old version datasheet]   TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI1-TLV9151 Datasheet
3Mb / 52P
[Old version datasheet]   TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI-TLV9151_V06 Datasheet
5Mb / 77P
[Old version datasheet]   TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
JANUARY 2022
TLV9151 TI-TLV9151_V05 Datasheet
5Mb / 76P
[Old version datasheet]   TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151-Q1 TI-TLV9151-Q1 Datasheet
3Mb / 49P
[Old version datasheet]   TLV915x-Q1 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Automotive Op Amp
TLV9151-Q1 TI-TLV9151-Q1_V01 Datasheet
3Mb / 52P
[Old version datasheet]   TLV915x-Q1 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Automotive Op Amp
TLV9152-Q1 TI-TLV9152-Q1_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TLV915x-Q1 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Automotive Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com