データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMUX1208-Q1 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMUX1208-Q1
部品情報  TMUX1208-Q1 5-V Bidirectional 8:1 Multiplexer with 1.8-V Logic
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TMUX1208-Q1 データシート(HTML) 11 Page - Texas Instruments

Back Button TMUX1208-Q1 Datasheet HTML 7Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 8Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 9Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 10Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 11Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 12Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 13Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 14Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
6.8 Electrical Characteristics (VDD = 1.2 V ±10 %)
at TA = 25°C, VDD = 1.2 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
ANALOG SWITCH
RON
On-resistance
VS = 0 V to VDD
ISD = 10 mA
Refer to Figure 7-1
25°C
70
Ω
–40°C to +85°C
105
Ω
–40°C to +125°C
105
Ω
ΔRON
On-resistance matching between
channels
VS = 0 V to VDD
ISD = 10 mA
Refer to Figure 7-1
25°C
0.15
Ω
–40°C to +85°C
1.5
Ω
–40°C to +125°C
1.5
Ω
IS(OFF)
Source off leakage current(1)
VDD = 1.32 V
Switch Off
VD = 1.2 V / 1 V
VS = 1 V / 1.2 V
Refer to Figure 7-2
25°C
±75
nA
–40°C to +85°C
-150
150
nA
–40°C to +125°C
-175
175
nA
ID(OFF)
Drain off leakage current(1)
VDD = 1.32 V
Switch Off
VD = 1.2 V / 1 V
VS = 1 V / 1.2 V
Refer to Figure 7-2
25°C
±200
nA
–40°C to +85°C
-500
500
nA
–40°C to +125°C
-750
750
nA
ID(ON)
IS(ON)
Channel on leakage current
VDD = 1.32 V
Switch On
VD = VS = 1.2 V / 1 V
Refer to Figure 7-3
25°C
±200
nA
–40°C to +85°C
-500
500
nA
–40°C to +125°C
-750
750
nA
LOGIC INPUTS (EN, A0, A1, A2)
VIH
Input logic high
–40°C to +125°C
0.96
5.5
V
VIL
Input logic low
–40°C to +125°C
0
0.36
V
IIH
IIL
Input leakage current
25°C
±0.005
µA
IIH
IIL
Input leakage current
–40°C to +125°C
±0.10
µA
CIN
Logic input capacitance
25°C
1
pF
–40°C to +125°C
2
pF
POWER SUPPLY
IDD
VDD supply current
Logic inputs = 0 V or 5.5 V
25°C
0.005
µA
–40°C to +125°C
0.8
µA
www.ti.com
TMUX1208-Q1
SCDS415A – AUGUST 2019 – REVISED JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TMUX1208-Q1


同様の部品番号 - TMUX1208-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMUX1208 TI1-TMUX1208 Datasheet
546Kb / 25P
[Old version datasheet]   5-V General Purpose, Analog Multiplexer
TMUX1208 TI1-TMUX1208 Datasheet
1Mb / 34P
[Old version datasheet]   5-V Bidirectional 8:1, 1-Channel Multiplexer, 5-V Bidirectional 4:1, 2-Channel Multiplexer
TMUX1208PWR TI1-TMUX1208PWR Datasheet
546Kb / 25P
[Old version datasheet]   5-V General Purpose, Analog Multiplexer
TMUX1208PWR TI1-TMUX1208PWR Datasheet
1Mb / 34P
[Old version datasheet]   5-V Bidirectional 8:1, 1-Channel Multiplexer, 5-V Bidirectional 4:1, 2-Channel Multiplexer
TMUX1208RSVR TI1-TMUX1208RSVR Datasheet
546Kb / 25P
[Old version datasheet]   5-V General Purpose, Analog Multiplexer
More results

同様の説明 - TMUX1208-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMUX1208 TI1-TMUX1208_18 Datasheet
1Mb / 34P
[Old version datasheet]   5-V Bidirectional 8:1, 1-Channel Multiplexer, 5-V Bidirectional 4:1, 2-Channel Multiplexer
TMUX6208 TI-TMUX6208 Datasheet
861Kb / 23P
[Old version datasheet]   TMUX6208 36-V, Low-Ron, 8:1 Precision Multiplexer with 1.8-V Logic
TMUX7208 TI-TMUX7208 Datasheet
2Mb / 42P
[Old version datasheet]   TMUX7208 44-V, Latch-Up Immune, 8:1 Precision Multiplexer with 1.8-V Logic
TMUX4051-Q1 TI-TMUX4051-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
JUNE 2022
TMUX4051-Q1 TI-TMUX4051-Q1_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
JUNE 2022
TMUX4051-Q1 TI-TMUX4051-Q1_V02 Datasheet
1Mb / 31P
[Old version datasheet]   TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
REVISED MARCH 2023
TMUX4051-Q1 TI1-TMUX4051-Q1_V03 Datasheet
1Mb / 31P
[Old version datasheet]   TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
REVISED MARCH 2023
SN3257-Q1 TI1-SN3257-Q1_V01 Datasheet
674Kb / 31P
[Old version datasheet]   SN3257-Q1 5-V, Low Propagation Delay, 2:1 (SPDT), 4-Channel Switch with 1.8 V Logic
TMUX6219-Q1 TI-TMUX6219-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   TMUX6219-Q1 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
TMUX7219-Q1 TI-TMUX7219-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMUX7219-Q1 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com