データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMUX1208-Q1 データシート(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMUX1208-Q1
部品情報  TMUX1208-Q1 5-V Bidirectional 8:1 Multiplexer with 1.8-V Logic
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TMUX1208-Q1 データシート(HTML) 16 Page - Texas Instruments

Back Button TMUX1208-Q1 Datasheet HTML 12Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 13Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 14Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 15Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 16Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 17Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 18Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 19Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
7.7 Charge Injection
The TMUX1208-Q1 has a transmission-gate topology. Any mismatch in capacitance between the NMOS and
PMOS transistors results in a charge injected into the drain or source during the falling or rising edge of the gate
signal. The amount of charge injected into the source or drain of the device is known as charge injection, and is
denoted by the symbol QC. Figure 7-7 shows the setup used to measure charge injection from source (Sx) to
drain (D).
OUTPUT
CL
EN
S1
D
GND
VOUT
Output
VS
0 V
VDD
QC = CL ×
VOUT
A0
A1
A2
VOUT
VEN
VS
S2
S8
VDD
VDD
0.1…F
Figure 7-7. Charge-Injection Measurement Setup
7.8 Off Isolation
Off isolation is defined as the ratio of the signal at the drain pin (D) of the device when a signal is applied to the
source pin (Sx) of an off-channel. Figure 7-8 shows the setup used to measure, and the equation to compute off
isolation.
GND
NETW ORK
ANALYZ ER
V
OUT
S
D
50Q
V
SIG
R
L
50Q
S
X/DX
R
L
50Q
V
S
V
DD
0.1µF
Figure 7-8. Off Isolation Measurement Setup
OUT
S
V
Off Isolation
20 Log
V
§
·
˜
¨
¸
©
¹
(1)
TMUX1208-Q1
SCDS415A – AUGUST 2019 – REVISED JULY 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TMUX1208-Q1


同様の部品番号 - TMUX1208-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMUX1208 TI1-TMUX1208 Datasheet
546Kb / 25P
[Old version datasheet]   5-V General Purpose, Analog Multiplexer
TMUX1208 TI1-TMUX1208 Datasheet
1Mb / 34P
[Old version datasheet]   5-V Bidirectional 8:1, 1-Channel Multiplexer, 5-V Bidirectional 4:1, 2-Channel Multiplexer
TMUX1208PWR TI1-TMUX1208PWR Datasheet
546Kb / 25P
[Old version datasheet]   5-V General Purpose, Analog Multiplexer
TMUX1208PWR TI1-TMUX1208PWR Datasheet
1Mb / 34P
[Old version datasheet]   5-V Bidirectional 8:1, 1-Channel Multiplexer, 5-V Bidirectional 4:1, 2-Channel Multiplexer
TMUX1208RSVR TI1-TMUX1208RSVR Datasheet
546Kb / 25P
[Old version datasheet]   5-V General Purpose, Analog Multiplexer
More results

同様の説明 - TMUX1208-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMUX1208 TI1-TMUX1208_18 Datasheet
1Mb / 34P
[Old version datasheet]   5-V Bidirectional 8:1, 1-Channel Multiplexer, 5-V Bidirectional 4:1, 2-Channel Multiplexer
TMUX6208 TI-TMUX6208 Datasheet
861Kb / 23P
[Old version datasheet]   TMUX6208 36-V, Low-Ron, 8:1 Precision Multiplexer with 1.8-V Logic
TMUX7208 TI-TMUX7208 Datasheet
2Mb / 42P
[Old version datasheet]   TMUX7208 44-V, Latch-Up Immune, 8:1 Precision Multiplexer with 1.8-V Logic
TMUX4051-Q1 TI-TMUX4051-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
JUNE 2022
TMUX4051-Q1 TI-TMUX4051-Q1_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
JUNE 2022
TMUX4051-Q1 TI-TMUX4051-Q1_V02 Datasheet
1Mb / 31P
[Old version datasheet]   TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
REVISED MARCH 2023
TMUX4051-Q1 TI1-TMUX4051-Q1_V03 Datasheet
1Mb / 31P
[Old version datasheet]   TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
REVISED MARCH 2023
SN3257-Q1 TI1-SN3257-Q1_V01 Datasheet
674Kb / 31P
[Old version datasheet]   SN3257-Q1 5-V, Low Propagation Delay, 2:1 (SPDT), 4-Channel Switch with 1.8 V Logic
TMUX6219-Q1 TI-TMUX6219-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   TMUX6219-Q1 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
TMUX7219-Q1 TI-TMUX7219-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMUX7219-Q1 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com