データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS745-Q1 データシート(PDF) 22 Page - Texas Instruments

部品番号 TPS745-Q1
部品情報  TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPS745-Q1 データシート(HTML) 22 Page - Texas Instruments

Back Button TPS745-Q1_V06 Datasheet HTML 18Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 19Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 20Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 21Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 22Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 23Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 24Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 25Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
Output Voltage in
normal regulation
Dropout
VOUT = VIN - VDO
Transient response
time of the LDO
Load current
discharges
output
voltage
Time
VGS voltage for
normal operation
VGS voltage in
dropout (pass device
fully on)
VDO
Gate Voltage
Input Voltage
VGS voltage for
normal operation
Input Voltage
Output Voltage
VGS voltage
(pass device
fully off)
22
TPS745-Q1
SBVS355A – JUNE 2019 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: TPS745-Q1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Application Information (continued)
Figure 56. Line Transients From Dropout
8.1.5 Reverse Current
As with most LDOs, excessive reverse current can damage this device.
Reverse current flows through the body diode on the pass element instead of the normal conducting channel. At
high magnitudes, this current flow degrades the long-term reliability of the device, as a result of one of the
following conditions:
Degradation caused by electromigration
Excessive heat dissipation
Potential for a latch-up condition
Conditions where reverse current can occur are outlined in this section, all of which can exceed the absolute
maximum rating of VOUT > VIN + 0.3 V:
If the device has a large COUT and the input supply collapses with little or no load current
The output is biased when the input supply is not established
The output is biased above the input supply


同様の部品番号 - TPS745-Q1_V06

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS745-Q1 TI1-TPS745-Q1_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in a Small Wettable Flank WSON Package
TPS745-Q1 TI1-TPS745-Q1_V02 Datasheet
3Mb / 41P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V03 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V04 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V05 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
More results

同様の説明 - TPS745-Q1_V06

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS745-Q1 TI1-TPS745-Q1_V04 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V02 Datasheet
3Mb / 41P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V03 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V05 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI-TPS745-Q1_V07 Datasheet
4Mb / 44P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1 Datasheet
2Mb / 29P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in a Small Wettable Flank WSON Package
TPS745-Q1 TI1-TPS745-Q1_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in a Small Wettable Flank WSON Package
TPS746-Q1 TI1-TPS746-Q1_V01 Datasheet
3Mb / 41P
[Old version datasheet]   TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
TPS746-Q1 TI-TPS746-Q1_V03 Datasheet
3Mb / 45P
[Old version datasheet]   TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
TPS746-Q1 TI-TPS746-Q1_V04 Datasheet
4Mb / 44P
[Old version datasheet]   TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com