データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54737 データシート(PDF) 1 Page - Gilway Technical Lamp

部品番号 54737
部品情報  80 watt, tungsten halogen, low to medium voltage with reflector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GILWAY [Gilway Technical Lamp]
ホームページ  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

54737 データシート(HTML) 1 Page - Gilway Technical Lamp

  54737 Datasheet HTML 1Page - Gilway Technical Lamp 54737 Datasheet HTML 2Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Return to search
Print Page
Product Number:
54737
Order Abbreviation: DDM
General
Description:
80 watt, tungsten halogen, low to medium voltage with
reflector
Product Information
Abbrev. With Packaging Info.
DDM 19V 24/CS 1/SKU
ANSI Code
DDM
Application
Projector - Slide
Average Rated Life (hr)
50
Base
GX5.3 Bipin
Bulb
MR16
Class
C (gas)
Color Rendering Index (CRI)
100
Diameter d (in)
1.989
Diameter d (mm)
51
Filament
CC-6
Lamp Finish
Clear
Length l (in)
1.486
Length l (mm)
38.1
Length l max. (in)
1.486
Length l max. (mm)
38.1
Luminous Flux (lm)
400
Maximum Overall Length - MOL (in)
1.689
Maximum Overall Length - MOL (mm)
43.3
Nominal Voltage (V)
19.00
Nominal Wattage (W)
80.00
Operating Position
Any
Reflector Coating
White
Type of Current
AC
Working Distance a (in)
5.464
Working Distance a (mm)
140.1
Additional Product Information
Product Documents, Graphs, and Images
Packaging Information
Page 1 of 2
Product Details
09/22/2003
http://ecom.mysylvania.com/sylvaniab2c/catalog/updateItems.do


同様の部品番号 - 54737

メーカー部品番号データシート部品情報
logo
Pomona Electronics
54737-28 POMONA-54737-28 Datasheet
21Kb / 1P
   SOIC Clip Test Clip Kit
logo
Festo Corporation.
547370 FESTO-547370 Datasheet
107Kb / 2P
   Air solenoid valve
7/26/22
547371 FESTO-547371 Datasheet
108Kb / 2P
   Air solenoid valve
7/26/22
547372 FESTO-547372 Datasheet
108Kb / 2P
   Air solenoid valve
7/27/22
547373 FESTO-547373 Datasheet
109Kb / 2P
   Air solenoid valve
7/21/22
More results

同様の説明 - 54737

メーカー部品番号データシート部品情報
logo
Gilway Technical Lamp
54944 GILWAY-54944 Datasheet
36Kb / 2P
   80 watt, tungsten halogen, low to medium voltage with reflector
58786 GILWAY-58786 Datasheet
37Kb / 2P
   50 watt, tungsten halogen, low to medium voltage with reflector
54232 GILWAY-54232 Datasheet
36Kb / 2P
   75 watt, tungsten halogen, low to medium voltage with reflector.
54730 GILWAY-54730 Datasheet
46Kb / 2P
   200 watt, tungsten halogen, low to medium voltage with reflector
54840 GILWAY-54840 Datasheet
35Kb / 2P
   250 watt, tungsten halogen, low to medium voltage with reflector
54409 GILWAY-54409 Datasheet
46Kb / 2P
   150 watt, tungsten halogen, low to medium voltage with reflector
54411 GILWAY-54411 Datasheet
45Kb / 2P
   150 watt, tungsten halogen, low to medium voltage with reflector
54753 GILWAY-54753 Datasheet
32Kb / 2P
   150 watt, tungsten halogen, low to medium voltage with reflector
54928 GILWAY-54928 Datasheet
46Kb / 2P
   250 watt, tungsten halogen, low to medium voltage with reflector
54122 GILWAY-54122 Datasheet
64Kb / 2P
   20 watt, tungsten halogen, low to medium voltage with reflector
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com