データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

I2040CG-08ST データシート(PDF) 3 Page - Alliance Semiconductor Corporation

部品番号 I2040CG-08ST
部品情報  LCD Panel EMI Reduction IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALSC [Alliance Semiconductor Corporation]
ホームページ  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

I2040CG-08ST データシート(HTML) 3 Page - Alliance Semiconductor Corporation

  I2040CG-08ST Datasheet HTML 1Page - Alliance Semiconductor Corporation I2040CG-08ST Datasheet HTML 2Page - Alliance Semiconductor Corporation I2040CG-08ST Datasheet HTML 3Page - Alliance Semiconductor Corporation I2040CG-08ST Datasheet HTML 4Page - Alliance Semiconductor Corporation I2040CG-08ST Datasheet HTML 5Page - Alliance Semiconductor Corporation I2040CG-08ST Datasheet HTML 6Page - Alliance Semiconductor Corporation I2040CG-08ST Datasheet HTML 7Page - Alliance Semiconductor Corporation I2040CG-08ST Datasheet HTML 8Page - Alliance Semiconductor Corporation I2040CG-08ST Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
September 2005
P2040C
rev 1.4
LCD Panel EMI Reduction IC
3 of 9
Notice: The information in this document is subject to change without notice.
Spread Spectrum Selection
Table 1 illustrates the possible spread spectrum options. The optimal setting should minimize system EMI to the fullest without
affecting system performance. The spreading is described as a percentage deviation of the center frequency
(Note: The center frequency is the frequency of the external reference input on CLKIN, Pin 1).
Example: P2040C is designed for high resolution flat panel applications and is able to support panel frequencies from 50MHz
to 170MHz. For a 65MHz pixel clock frequency, a spreading selection of MRA=0, SR1=1 and SR0 =1 provides a percentage
deviation of ±1.50% (see Table 1). This result in frequency on ModOUT being swept from 64.03MHz to 65.98MHz at a
modulation rate of 50.77KHz (see Table 1). This particular example (see Figure below) given here is a common EMI reduction
method for notebook LCD panel and has already been implemented by most of the leading OEM and mobile graphic
accelerator manufacturers.
Application Schematic for Mobile LCD Graphics Controllers
`
Modulated 65MHz signal with
±1.5 % deviation and modulation
rate of 50.77KHz. This signal is
connected back to the spread
spectrum input pin (SSIN) of the
graphics accelerator.
1
2
3
4
CLKIN
MRA
SR1
VSS
SR0
5
6
7
8
SSON#
ModOUT
VDD
65MHz from graphics accelerator
+3.3V
0.1µF
P2040C
Digital control for the SS enable
or disable


同様の部品番号 - I2040CG-08ST

メーカー部品番号データシート部品情報
logo
PulseCore Semiconductor
I2040CG-08ST PULSECORE-I2040CG-08ST Datasheet
160Kb / 9P
   LCD Panel EMI Reduction IC
More results

同様の説明 - I2040CG-08ST

メーカー部品番号データシート部品情報
logo
PulseCore Semiconductor
P2040B PULSECORE-P2040B Datasheet
331Kb / 8P
   LCD Panel EMI Reduction IC
logo
Alliance Semiconductor ...
ASM3P2182A ALSC-ASM3P2182A Datasheet
392Kb / 7P
   LCD Panel EMI Reduction IC
P2042A ALSC-P2042A Datasheet
353Kb / 8P
   LCD Panel EMI Reduction IC
P2040A ALSC-P2040A Datasheet
354Kb / 9P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
PCS3P2042B ONSEMI-PCS3P2042B Datasheet
146Kb / 7P
   LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
PulseCore Semiconductor
ASM3P2182A PULSECORE-ASM3P2182A Datasheet
369Kb / 8P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
P2042A ONSEMI-P2042A Datasheet
76Kb / 5P
   LCD Panel EMI Reduction IC
June, 2015 ??Rev. 6
logo
Alliance Semiconductor ...
ASM3P2184A ALSC-ASM3P2184A Datasheet
356Kb / 9P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
P3P2043B ONSEMI-P3P2043B_12 Datasheet
120Kb / 5P
   LCD Panel EMI Reduction IC
July, 2012 ??Rev. 0
ASM3P2182A ONSEMI-ASM3P2182A_11 Datasheet
124Kb / 6P
   LCD Panel EMI Reduction IC
August, 2011 ??Rev. P3
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com