データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KFG2816Q1M-DID データシート(PDF) 11 Page - Samsung semiconductor

部品番号 KFG2816Q1M-DID
部品情報  OneNAND SPECIFICATION
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KFG2816Q1M-DID データシート(HTML) 11 Page - Samsung semiconductor

Back Button KFG2816Q1M-DID Datasheet HTML 7Page - Samsung semiconductor KFG2816Q1M-DID Datasheet HTML 8Page - Samsung semiconductor KFG2816Q1M-DID Datasheet HTML 9Page - Samsung semiconductor KFG2816Q1M-DID Datasheet HTML 10Page - Samsung semiconductor KFG2816Q1M-DID Datasheet HTML 11Page - Samsung semiconductor KFG2816Q1M-DID Datasheet HTML 12Page - Samsung semiconductor KFG2816Q1M-DID Datasheet HTML 13Page - Samsung semiconductor KFG2816Q1M-DID Datasheet HTML 14Page - Samsung semiconductor KFG2816Q1M-DID Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
OneNAND128
FLASH MEMORY
11
Page:1KB+32B
Sector(main area):512B
Sector(spare area):16B
BootRAM 0
BootRAM 1
DataRAM 0_0
DataRAM 0_1
BootRAM
Sector
DataRAM 0
DataRAM 1_0
DataRAM 1_1
DataRAM 1
Main area data
Spare area data
(512B)
(16B)
Main area data
Spare area data
(512B)
(16B)
(BufferRAM)
(NAND array)
Figure 2. BufferRAM and NAND array structure
Block:
64KB+2KB
64pages
NOTE:
1)
The 1st word of spare area in 1st and 2nd page of every invalid block is reserved for the invalid block information by manufacturer.
Please refer to page 59 about the details.
2) These words are managed by internal ECC logic. So it is recommended that the important data like LSN(Logical Sector Number)
are written.
3) These words are reserved for the future purpose by manufacturer. These words will be dedicated to internal logic.
4) These words are for free usage.
5)
The 5th, 6th and 7th words are dedicated to internal ECC logic. So these words are only readable. The other words are program-
mable by command.
6)
ECCm 1st, ECCm 2nd, ECCm 3rd: ECC code for Main area data
7)
ECCs 1st, ECCs 2nd: ECC code for 2nd and 3rd word of spare area.
1st W
ECCm
1st
ECCm
2nd
ECCm
3rd
ECCs
1st
ECCs
2nd
LSB
MSB
LSB
MSB
2nd W
LSB
MSB
3rd W
LSB
MSB
4th W
LSB
MSB
5th W
LSB
MSB
6th W
LSB
MSB
7th W
LSB
MSB
8th W
LSB
MSB
Figure 3. Spare area of NAND array assignment
FFh
Note1 Note1 Note2 Note2 Note2 Note3 Note3 Note3
Note4 Note4
(Note3)
Main area
256W
Main area
256W
Spare
area
8W
Spare
area
8W


同様の部品番号 - KFG2816Q1M-DID

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KFG2G1612M-DEB5 SAMSUNG-KFG2G1612M-DEB5 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
KFG2G1612M-DED5 SAMSUNG-KFG2G1612M-DED5 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
KFG2G16D2M-DEB5 SAMSUNG-KFG2G16D2M-DEB5 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
KFG2G16D2M-DEB6 SAMSUNG-KFG2G16D2M-DEB6 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
KFG2G16D2M-DED5 SAMSUNG-KFG2G16D2M-DED5 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
More results

同様の説明 - KFG2816Q1M-DID

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KFG5616Q1A-DEB5 SAMSUNG-KFG5616Q1A-DEB5 Datasheet
1Mb / 113P
   OneNAND Specification FLASH MEMORY
KFG5616Q1A-DEB6 SAMSUNG-KFG5616Q1A-DEB6 Datasheet
1Mb / 113P
   OneNAND Specification FLASH MEMORY
logo
Shanghai Leiditech Elec...
SMD4532-400 LEIDITECH-SMD4532-400 Datasheet
271Kb / 3P
   SPECIFICATION ELECTRICAL SPECIFICATION
logo
Vectron International, ...
TFS71D VECTRON-TFS71D Datasheet
37Kb / 3P
   Specification
TFS161A VECTRON-TFS161A Datasheet
39Kb / 5P
   Specification
logo
Samsung semiconductor
CL21B105KBFNNNF SAMSUNG-CL21B105KBFNNNF Datasheet
139Kb / 2P
   SPECIFICATION
CL21B473KCFNNNE SAMSUNG-CL21B473KCFNNNE Datasheet
140Kb / 2P
   SPECIFICATION
logo
List of Unclassifed Man...
ISR3SAD100 ETC2-ISR3SAD100 Datasheet
93Kb / 1P
   SPECIFICATION
logo
Samsung semiconductor
CL05A474KQ5NNNC SAMSUNG-CL05A474KQ5NNNC Datasheet
135Kb / 2P
   SPECIFICATION
CL31A226KAHNNNE SAMSUNG-CL31A226KAHNNNE Datasheet
80Kb / 2P
   SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com