データシートサーチシステム |
|
I1820C-08SR データシート(PDF) 7 Page - Alliance Semiconductor Corporation |
|
I1820C-08SR データシート(HTML) 7 Page - Alliance Semiconductor Corporation |
7 / 8 page ® Low Power Mobile VGA EMI Reduction IC 7 of 8 March 2003 P1818/19/20/21/22 Notice: The information in this document is subject to change without notice. Mechanical Package Outline (8-Pin SOIC) Mechanical Package Outline (8-Pin TSSOP) Symbol Inches Millimeters Min Nor Max Min Nor Max A 0.057 0.064 0.071 1.45 1.63 1.80 A1 0.004 0.007 0.010 0.10 0.18 0.25 A2 0.053 0.061 0.069 1.35 1.55 1.75 B 0.012 0.016 0.020 0.31 0.41 0.51 C 0.004 0.006 0.01 0.10 0.15 0.25 D 0.186 0.194 0.202 4.72 4.92 5.12 E 0.148 0.156 0.164 3.75 3.95 4.15 e 0.050 BSC 1.27 BSC H 0.224 0.236 0.248 5.70 6.00 6.30 L 0.012 0.020 0.028 0.30 0.50 0.70 a 0°5°8°0°5°8° Note: Controlling dimensions are millimeters. SOIC: 0.074 grams unit weight. D A1 e B A A2 P18xxx LOT NUMBER YYWW H a C L E Symbol Inches Millimeters Min Nor Max Min Nor Max A – – 0.047 – – 1.10 A1 0.002 – 0.006 0.05 – 0.15 A2 0.031 0.039 0.041 0.80 1.00 1.05 B 0.007 – 0.012 0.19 – 0.30 C 0.004 – 0.008 0.09 – 0.20 D 0.114 0.118 0.122 2.90 3.00 3.10 E 0.169 0.173 0.177 4.30 4.40 4.50 e 0.026 BSC 0.65 BSC H 0.244 0.252 0.260 6.20 6.40 6.60 L 0.018 0.024 0.030 0.45 0.60 0.75 a 0° – 8° 0° – 8° Note: Controlling dimensions are millimeters. TSSOP: 0.034 grams unit weight. D A1 e B A A2 H a C L E |
同様の部品番号 - I1820C-08SR |
|
同様の説明 - I1820C-08SR |