データシートサーチシステム |
|
I1822E-08TT データシート(PDF) 5 Page - Alliance Semiconductor Corporation |
|
I1822E-08TT データシート(HTML) 5 Page - Alliance Semiconductor Corporation |
5 / 8 page ® Low Power Mobile VGA EMI Reduction IC 5 of 8 March 2003 P1818/19/20/21/22 Notice: The information in this document is subject to change without notice. Absolute Maximum Ratings DC Electrical Characteristics 3.3 V, 25 ° C Symbol Parameter Rating Unit VDD, VIN Voltage on any pin with respect to GND -0.5 to +7.0 V TSTG Storage temperature -65 to +125 º C TA Operating temperature 0 to +70 º C Symbol Parameter Min Typ Max Unit VIL Input low voltage GND – 0.3 – 0.8 V VIH Input high voltage 2.00 – VDD + 0.3 V IIL Input low current (inputs D_C, PD#, MRS, FRS, SRS) -60.0 – -20.00 µA IIH Input high current – – 1.00 µA IXOL XOUT output low current (@ 0.4 V, VDD = 3.3 V) 2.00 – 12.00 mA IXOH XOUT output high current (@ 2.5 V, VDD = 3.3 V) –– 12.00 mA VOL Output low voltage (VDD=3.3 V, IOL = 20 mA) –– 0.4 V VOH Output high voltage (VDD=3.3 V, IOH = 20 mA) –– 2.8 V IDD Static supply current Standby mode –4.5 – mA ICC Dynamic supply current Normal mode (3.3 V and 25 pF probe loading) 7.1 fIN-min –26.9 fIN-max mA VDD Operating voltage – 3.3 – V tON Power up time (first locked clock cycle after power up) –0.18 – mS ZOUT Clock output impedance – 50 – Ω |
同様の部品番号 - I1822E-08TT |
|
同様の説明 - I1822E-08TT |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |