データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

I1818A-08TR データシート(PDF) 3 Page - Alliance Semiconductor Corporation

部品番号 I1818A-08TR
部品情報  Low Power Mobile VGA EMI Reduction IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALSC [Alliance Semiconductor Corporation]
ホームページ  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

I1818A-08TR データシート(HTML) 3 Page - Alliance Semiconductor Corporation

  I1818A-08TR Datasheet HTML 1Page - Alliance Semiconductor Corporation I1818A-08TR Datasheet HTML 2Page - Alliance Semiconductor Corporation I1818A-08TR Datasheet HTML 3Page - Alliance Semiconductor Corporation I1818A-08TR Datasheet HTML 4Page - Alliance Semiconductor Corporation I1818A-08TR Datasheet HTML 5Page - Alliance Semiconductor Corporation I1818A-08TR Datasheet HTML 6Page - Alliance Semiconductor Corporation I1818A-08TR Datasheet HTML 7Page - Alliance Semiconductor Corporation I1818A-08TR Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
®
Low Power Mobile VGA EMI Reduction IC
3 of 8
March 2003
P1818/19/20/21/22
Notice: The information in this document is subject to change without notice.
Input Frequency and Modulation Rate
Spread Deviation Selections
Part number
Input
frequency range
Output
frequency range
Modulation rate
P1818
10 MHz to 20 MHz
10 MHz to 20 MHz
Input frequency / 256
P1819
20 MHz to 40 MHz
20 MHz to 40 MHz
Input frequency / 512
P1820
40 MHz to 80 MHz
40 MHz to 80 MHz
Input frequency / 2048
P1821
FRS=0
10 MHz to 20 MHz
10 MHz to 20 MHz
Input frequency / 256
FRS=1
20 MHz to 40 MHz
20 MHz to 40 MHz
Input frequency / 512
P1822
80 MHz to 160 MHz
80 MHz to 160 MHz
Input frequency / 3584
Part number1
1. A through H represents various combinations of spread deviations, options, and modulation rates.
SRS
SR0
D_C
Spread deviation
P18182/19/20/21A
2. Refer to Frequency vs. Deviation (P1818A and P1818H).
0
N/A
N/A
-2.50% (Down)
1
-3.50% (Down)
P1818/19/20/21B
0
N/A
N/A
-1.25% (Down)
1
-1.75% (Down)
P1818/19/20/21C
0
N/A
N/A
+/-1.25% (Center)
1
+/-1.75% (Center)
P1818/19/20/21D
0
N/A
N/A
+/-0.625% (Center)
1
+/-0.875% (Center)
P1818/19/20E
N/A
N/A
0
-1.25% (Down)
1
+/-0.625% (Center)
P1818/19/20F
N/A
N/A
0
-2.5% (Down)
1
+/-1.25% (Center)
P1818/19/20G
N/A
N/A
0
-1.75% (Down)
1
+/-0.875% (Center)
P18182/19/20H
N/A
N/A
0
-3.5% (Down)
1
+/-1.75% (Center)
P1822A
0
0
N/A
-1.25% (Down)
0
1
-2.50% (Down)
1
0
-1.75% (Down)
1
1
-3.50% (Down)
P1822B
0
0
N/A
+/-0.625% (Center)
0
1
+/-1.25% (Center)
1
0
+/-0.875% (Center)
1
1
+/-1.75% (Center)


同様の部品番号 - I1818A-08TR

メーカー部品番号データシート部品情報
logo
Winbond
I1810P WINBOND-I1810P Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
I1810S WINBOND-I1810S Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
I1810X WINBOND-I1810X Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Alliance Semiconductor ...
I1817A-08SR ALSC-I1817A-08SR Datasheet
302Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
logo
PulseCore Semiconductor
I1817A-08TT PULSECORE-I1817A-08TT Datasheet
382Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
More results

同様の説明 - I1818A-08TR

メーカー部品番号データシート部品情報
logo
Alliance Semiconductor ...
ASM3P1819N ALSC-ASM3P1819N Datasheet
354Kb / 7P
   Low Power Mobile VGA EMI Reduction IC
logo
ON Semiconductor
ASM3P1819N ONSEMI-ASM3P1819N Datasheet
109Kb / 6P
   Low Power Mobile VGA EMI Reduction IC
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
P1817A PULSECORE-P1817A Datasheet
382Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
logo
ON Semiconductor
P1817A ONSEMI-P1817A Datasheet
120Kb / 7P
   Low-Power Mobile VGA EMI Reduction IC
August, 2011 ??Rev. P3
logo
Alliance Semiconductor ...
P1817A ALSC-P1817A Datasheet
302Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P1819N PULSECORE-ASM3P1819N Datasheet
332Kb / 7P
   Low Power Mobile VGA EMI Reduction IC
logo
Alliance Semiconductor ...
ASM3P2821B ALSC-ASM3P2821B Datasheet
174Kb / 7P
   Low Power EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A_1 Datasheet
156Kb / 11P
   Low Power EMI Reduction IC
logo
ON Semiconductor
ASM3P2811A ONSEMI-ASM3P2811A Datasheet
134Kb / 9P
   Low Power EMI Reduction IC
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A Datasheet
450Kb / 11P
   Low Power EMI Reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com