データシートサーチシステム |
|
I1822B-08TR データシート(PDF) 1 Page - Alliance Semiconductor Corporation |
|
I1822B-08TR データシート(HTML) 1 Page - Alliance Semiconductor Corporation |
1 / 8 page Alliance Semiconductor Production March 2003 P1818/19/20/21/22 Low Power Mobile VGA EMI Reduction IC 2575 Augustine Drive • Santa Clara, CA 95054 • Tel: 408.855.4900 • Fax: 408.855.4999 • www.alsc.com ® Notice: The information in this document is subject to change without notice. Features • FCC approved method of EMI attenuation • Provides up to 15 dB EMI reduction • Generates a low EMI spread spectrum clock and a non-spread reference clock of the input frequency • Optimized for frequency range from 10 MHz to 160 MHz P1818: 10 to 20 MHz P1819: 20 to 40 MHz P1820: 40 to 80 MHz P1821: 10 to 40 MHz P1822: 80 to 160 MHz • Internal loop filter minimizes external components and board space • Selectable spread options: Down Spread and Cen- ter Spread • Low inherent cycle-to-cycle jitter • Eight spread % selections: +/-0.625% to –3.5% • 3.3V operating voltage • CMOS/TTL compatible inputs and outputs • Low power CMOS design • Supports notebook VGA and other LCD timing controller applications • Power down function for mobile application • Products are available for industrial temperature range. • Available in 8-pin SOIC and TSSOP Product Description The P18xx is a versatile spread spectrum frequency modulator designed specifically for a wide range of input clock frequencies from 10 to 160 MHz (see Input Fre- quency and Modulation Rate Selections). The P18xx can generate an EMI reduced clock from crystal, ceramic resonator, or system clock. The P18xx-A to P18xx-H offer various combinations of spread options and percentage deviations (see Spread Deviation Selec- tions). These combinations include Down Spread, Center Spread and percentage deviation range from ±0.625% to -3.50%. The P18xx reduces electromagnetic interference (EMI) at the clock source, allowing a system wide EMI reduction for all the down stream clocks and data dependent signals. The P18xx allows significant system cost savings by reducing the number of circuit board layers, ferrite beads, shielding, and other passive components that are traditionally required to pass EMI regulations. The P18xx modulates the output of a single PLL in order to “spread” the bandwidth of a synthesized clock, thereby decreasing the peak amplitudes of its harmonics. This results in significantly lower system EMI compared to the typical narrow band signal produced by oscillators and most clock generators. Lowering EMI by increasing a signal’s bandwidth is called “spread spectrum clock generation”. The P18xx uses the most efficient and optimized modulation profile approved by the FCC and is implemented by using a proprietary all-digital method. Applications The P18xx is targeted toward EMI management for memory and LVDS interfaces in mobile graphic chipsets and high-speed digital applications such as PC peripheral devices, consumer electronics, and embedded controller systems. |
同様の部品番号 - I1822B-08TR |
|
同様の説明 - I1822B-08TR |