データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HPERC-KBL-MH データシート(PDF) 1 Page - Adlink Technology Inc.

部品番号 HPERC-KBL-MH
部品情報  Rugged Convection Cooled System
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ADLINK [Adlink Technology Inc.]
ホームページ  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

HPERC-KBL-MH データシート(HTML) 1 Page - Adlink Technology Inc.

  HPERC-KBL-MH Datasheet HTML 1Page - Adlink Technology Inc. HPERC-KBL-MH Datasheet HTML 2Page - Adlink Technology Inc. HPERC-KBL-MH Datasheet HTML 3Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications
Processor & System
CPU
Intel® Xeon® Processor E3-1505M v6, quad-core
Chipset
Intel® CM238 Chipset
GPGPU
MXM NVIDIA Quadro P1000 with 4GB GDDR5 (optional)
Memory
16GB DDR4-2400 ECC soldered down
32GB DDR4-2400 ECC soldered down (optional)
BIOS
AMI EFI
Expansion Busses
MXM (PCIe x16 Gen3)
PCI/104 Express Type 2 (PCIe Gen2)
PCI Express Mini Card (PCIe Gen2)
Standard I/O
Video
2x DVI and 1x VGA (3 simultaneous display outputs)
Audio
1x amplified stereo output
1x stereo input
LAN Chipset
4x Intel® I210 Ethernet Controller
LAN Speed
10/100/1000 Mbps
USB
6x USB 2.0
Serial Ports
7x RS-232/422
GPIO
8x digital IO
Internal Storage
Removable SATA
2x 2.5” SLC/MLC SSD on SATA 6 Gb/s
RAID 0/1
Support up to 12Gb/s
Removable SD
1x SDHC - SLC (up to 64 GB)
Security
TPM
Infineon SLB 9665XT2.0
Secure Erase (option for SSD)
Hardware input triggered
Software triggered
Power
Input: 18-36VDC
Performance: S-States S3, S4
Thermal
Internal Transfer
Top-cover heatsink cooled (free air convection)
VITA 75.21 mount
Storage Temperature
-40°C to +85°C
Operating Temperature
CPU Only: -40°C to +75°C ambient*
With MXM-P1000: -40°C to +70°C ambient*
*Note: Airflow 30 CFM, 1 atm air
HPERC-KBL-MH
Rugged Convection Cooled System with Intel® Xeon® Processor and
MIL-DTL-38999 Connectors
Features
VITA 75 mount with passive convection cooling
Intel® Xeon® Processor E3-1505M v6, quad-core
16GB DDR4-2400 with ECC soldered down
Quad Gigabit Ethernet and 6x USB ports
Available GPGPU on PCI Express x16 Gen3
3 independent displays (DVI/VGA)
Wide temperature range: storage -40°C to +85°C, operating
-40°C to +75°C
OS support: Windows 10, RHEL 7.3
New


同様の部品番号 - HPERC-KBL-MH

メーカー部品番号データシート部品情報
logo
Adlink Technology Inc.
HPERC-KBL-MC ADLINK-HPERC-KBL-MC Datasheet
486Kb / 3P
   Extreme Rugged Cold Plate Mount System and MIL-DTL-38999 Connectors
More results

同様の説明 - HPERC-KBL-MH

メーカー部品番号データシート部品情報
logo
API Technologies Corp
1452 APITECH-1452 Datasheet
501Kb / 1P
   Convection Cooled
logo
Power-One
PMP13.48 POWER-ONE-PMP13.48 Datasheet
192Kb / 2P
   convection-cooled rectifier
logo
XP Power Limited
GCS150 XPPOWER-GCS150 Datasheet
370Kb / 4P
   Convection/Forcedcooled Ratings
ECP150 XPPOWER-ECP150 Datasheet
1Mb / 9P
   100W Convection Cooled Rating
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
   250 W Convection Cooled
ECP180 XPPOWER-ECP180 Datasheet
1Mb / 9P
   120W Convection-cooled Rating
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
   250 W Convection Cooled
ECS130 XPPOWER-ECS130 Datasheet
1Mb / 9P
   Convection & Forced Cooled Ratings
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
   250 W Convection-cooled
JPS XPPOWER-JPS Datasheet
167Kb / 2P
   100 W Convection-cooled
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com