データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LRL46600U33X データシート(PDF) 1 Page - Schneider Electric

部品番号 LRL46600U33X
部品情報  Circuit breaker, PowerPact L, Micrologic 3.3S, 600A, 4 poles, 600 V, 100 kA, 80% rated
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SCHNEIDER [Schneider Electric]
ホームページ  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LRL46600U33X データシート(HTML) 1 Page - Schneider Electric

  LRL46600U33X Datasheet HTML 1Page - Schneider Electric LRL46600U33X Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
LRL46600U33X
Circuit breaker, PowerPact L, Micrologic 3.3S,
600A, 4 poles, 600 V, 100 kA, 80% rated
Price* : 15,905.00 USD
Main
Product or component type
Circuit breaker
Range of product
PowerPact L
Trip Unit Type
Electronic, standard, Micrologic 3.3 S, LSI
Interrupt Code
R
Complementary
Protection technology
Current limiter
Line Rated Current
600 A
Number of Poles
4P
Interrupt Rating
200 kA 240 V AC
200 kA 480 V AC
100 kA 600 V AC
Voltage Rating
600 V AC
Continuous current rating
80 %
Mounting mode
Unit mount
Electrical connection
Lugs load
Lugs line
Wire Size
AWG 2/0...500 kcmil aluminium/copper)2
Terminal Type
AL600LS52K4
I-Line Phase Connection
ABC
Height
13.93 in (353.82 mm)
Maximum Width
7.27 in (184.66 mm)
Maximum Depth
6.61 in (167.89 mm)
Tightening torque
442.54 lbf.in (50 N.m) 0.11…0.37 in² (70…240 mm²) AWG 2/0...500 kcmil)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Sep 25, 2020
1


同様の部品番号 - LRL46600U33X

メーカー部品番号データシート部品情報
logo
Schneider Electric
LRL46600U31X SCHNEIDER-LRL46600U31X Datasheet
66Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 3.3, 600A, 4 poles, 600 V, 100 kA, 80% rated
More results

同様の説明 - LRL46600U33X

メーカー部品番号データシート部品情報
logo
Schneider Electric
LRL36600U33X SCHNEIDER-LRL36600U33X Datasheet
123Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 3.3S, 600A, 3 poles, 600 V, 100 kA, 80% rated
LJL46600U33X SCHNEIDER-LJL46600U33X Datasheet
129Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 3.3S, 600A, 4 poles, 600 V, 25 kA, 80% rated
LLL46600U33X SCHNEIDER-LLL46600U33X Datasheet
122Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 3.3S, 600A, 4 poles, 600 V, 50 kA, 80% rated
LDL46600U33X SCHNEIDER-LDL46600U33X Datasheet
134Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 3.3S, 600A, 4 poles, 600 V, 14 kA, 80% rated
LGL46600U33X SCHNEIDER-LGL46600U33X Datasheet
123Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 3.3S, 600A, 4 poles, 600 V, 18 kA, 80% rated
LJP36600U33X SCHNEIDER-LJP36600U33X Datasheet
121Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 3.3S, 600A, 3 poles, 600 V, 25 kA, 80% rated
LDF36600U33X SCHNEIDER-LDF36600U33X Datasheet
120Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 3.3S, 600A, 3 poles, 600 V, 14 kA, 80% rated,
LLL36600U33X SCHNEIDER-LLL36600U33X Datasheet
123Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 3.3S, 600A, 3 poles, 600 V, 50 kA, 80% rated
LDL36600U33X SCHNEIDER-LDL36600U33X Datasheet
116Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 3.3S, 600A, 3 poles, 600 V, 14 kA, 80% rated
LJL36600U33X SCHNEIDER-LJL36600U33X Datasheet
129Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 3.3S, 600A, 3 poles, 600 V, 25 kA, 80% rated
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com