データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PSR-13N08A-SYQ データシート(PDF) 1 Page - Mallory Sonalert Products Inc

部品番号 PSR-13N08A-SYQ
部品情報  Sales Outline Drawing
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MSPI [Mallory Sonalert Products Inc]
ホームページ  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

PSR-13N08A-SYQ データシート(HTML) 1 Page - Mallory Sonalert Products Inc

  PSR-13N08A-SYQ Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mallory Sonalert Products Inc
Part #
PSR-13N08A-SYQ
Sales Outline Drawing
Revision
C
4411 South High School Road, Indianapolis, Indiana 46241 USA ● Phone (317) 612-1000 ● Fax (317) 612-1010 ● http://www.mspindy.com
May not be suitable for all medical and aerospace applications.
Specifications: Contact Mallory Sonalert to discuss your application.
Voice Coil Impedance ()
8 ± 20% at 1000 Hz / 1.0 V
Rated Input (W)
0.25
Max. Input (W)
0.30
Lowest Resonance Freq Fo (Hz)
1050 ± 20%
Frequency Range (Hz)
Fo ~ 20000
Output S.P.L. (dB)
88 ± 3 at 0.25W 0.1m 1.2k, 1.5k, 1.8k, 2.0kHz
74 ± 3 at 1W 1 m 1.2k, 1.5k, 1.8k, 2.0kHz
Operating / Storage Temp
Weight
-25 to 50°C
1.2g
Options
For other options contact factory
Dimensions: (units: mm)
ROHS Compliant
Tolerance: ±0.3mm


同様の部品番号 - PSR-13N08A-SYQ

メーカー部品番号データシート部品情報
logo
Mallory Sonalert Produc...
PSR-18N08A-JQ MSPI-PSR-18N08A-JQ Datasheet
114Kb / 1P
   Sales Outline Drawing
More results

同様の説明 - PSR-13N08A-SYQ

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
PT-2020P ETC-PT-2020P Datasheet
91Kb / 1P
   Sales Outline Drawing
logo
Mallory performance clu...
SC110D MALLORY-SC110D Datasheet
77Kb / 1P
   Sales Outline Drawing
SC648D MALLORY-SC648D Datasheet
54Kb / 1P
   Sales Outline Drawing
PSR1511N08S3K MALLORY-PSR1511N08S3K Datasheet
110Kb / 1P
   Sales Outline Drawing
logo
Mallory Sonalert Produc...
MSS5CMCMP MSPI-MSS5CMCMP Datasheet
72Kb / 1P
   Sales Outline Drawing
PL-27N26WQ MSPI-PL-27N26WQ Datasheet
99Kb / 1P
   Sales Outline Drawing
PS-580Q MSPI-PS-580Q Datasheet
103Kb / 1P
   Sales Outline Drawing
PS-583Q MSPI-PS-583Q Datasheet
101Kb / 1P
   Sales Outline Drawing
PSR12N08AK MSPI-PSR12N08AK Datasheet
120Kb / 1P
   Sales Outline Drawing
PSR-20F08S-YHQ MSPI-PSR-20F08S-YHQ Datasheet
123Kb / 1P
   Sales Outline Drawing
PSR-20N08A-JQ MSPI-PSR-20N08A-JQ Datasheet
131Kb / 1P
   Sales Outline Drawing
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com