データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UMB1S データシート(PDF) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

部品番号 UMB1S
部品情報  1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
ホームページ  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

UMB1S データシート(HTML) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  UMB1S Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD UMB1S Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD UMB1S Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UMB1S THRU UMB10S MBS
3 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
MBS
MBS
3000
4
Tape/Reel,13”reel
Package Outline
Plastic surface mounted package; leads
Summary of Packing Options
Package
Packing Description
Packing Quantity
Industry Standard
EIA-481-1
The recommended mounting pad size
UNIT
mm
2.6
0.22
5.0
4.1
7.0
2.2
0.15
4.5
3.6
6.4
max
min
mil
max
min
102
94
8.7
5.9
197
177
161
142
276
252
A
C
D
E
HE
d
0.7
0.5
28
20
e
2.7
2.3
106
91
L
L1
a
1.7
1.3
1.1
0.5
51
67
20
43
0.2
8
∠ALL ROUND
HE
E
d
L
a
L1
2.5
100
0.9
35
6.0
236
2.4
94
mm
(mil)
Unit :


同様の部品番号 - UMB1S

メーカー部品番号データシート部品情報
logo
DIYI Electronic Technol...
UMB1S DYELEC-UMB1S Datasheet
1Mb / 2P
   SINGLE PHASE 0.8AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
UMB1S DYELEC-UMB1S Datasheet
1Mb / 3P
   SINGLE PHASE 0.8AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
UMB1S JUXING-UMB1S Datasheet
1Mb / 3P
   SURFACE MOUNT BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
UMB1S ZSELEC-UMB1S Datasheet
93Kb / 2P
   ULTRA FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UMB1S ZSELEC-UMB1S Datasheet
93Kb / 2P
   ULTRA FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

同様の説明 - UMB1S

メーカー部品番号データシート部品情報
logo
DONGGUAN YOU FENG WEI E...
UABS1 YFWDIODE-UABS1 Datasheet
361Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
U10T01 YFWDIODE-U10T01 Datasheet
413Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
DB102S YFWDIODE-DB102S Datasheet
440Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
UMB1F YFWDIODE-UMB1F Datasheet
465Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
Diodes Incorporated
DF01S-TF DIODES-DF01S-TF Datasheet
84Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
ABS05-1A ZSELEC-ABS05-1A Datasheet
91Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Won-Top Electronics
DF005S WTE-DF005S Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
DF005S SHUNYE-DF005S Datasheet
100Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
S1WB05 ZSELEC-S1WB05 Datasheet
102Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DF005S DIODES-DF005S_1 Datasheet
88Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17001 Rev. 13 - 2
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com