データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSTF120-SUS データシート(PDF) 2 Page - BELIMO AIRCONTROLS (USA), INC

部品番号 FSTF120-SUS
部品情報  On/Off, Spring Return, AC 120 V, Auxiliary Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BELIMO [BELIMO AIRCONTROLS (USA), INC]
ホームページ  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

FSTF120-SUS データシート(HTML) 2 Page - BELIMO AIRCONTROLS (USA), INC

  FSTF120-SUS Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC FSTF120-SUS Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Accessories
KH-TF US
TFB(X) crankarm with 5/16” slot.
KH-TF-1 US TFB(X) crankarm with 1/4” slot.
TF-P
Anti-rotation bracket TF/NKQ/AM/NM/LM.
TOOL-06
8 mm and 10 mm wrench.
ZG-TF2
TFB(X) crankarm adaptor kit (T bracket included).
ZG-TF112
TFB(X) crankarm adaptor kit (includes ZG-113).
ZS-100
Weather shield - galvaneal 13x8x6” (LxWxD).
ZS-150
Weather shield - PC w/ foam seal 16x8-3/8x4” (LxWxD).
BAE165 US 165° F electric thermal sensor, SPST, normally closed.
Typical Specification
All smoke and combination fire and smoke dampers shall be provided
with Belimo FSTF, FSLF, FSNF, or FSAF actuators. All substitutions must be
approved before submission of bid. Damper and actuator shall have UL 555S
Listing for 250°F and/or 350°F. Actuator shall have been tested to UL 2043 per
requirements of IMC 602.2 and NEC 300.22 (c). Where position indication is
required -S models with auxiliary switches or damper blade switches will be
provided per code requirements.
Wiring Diagrams
Provide overload protection and disconnect as required.
45
Actuators may be powered in parallel. Power consumption must be
observed.
72
S4 makes to S6 when actuator is powered open.
73
Auxiliary switches are for end position indication or interlock control.
74
Double insulated.
75
Ground present on some models.
Meets cULus requirements without the need of an electrical ground
connection.
N (White)
L1 (Black)
1 Neutral
2 Hot
45
1
120 VAC
Detector or relay
F&S Damper
21
HOT
165°F
To alarm
system
Manual
reset
Actuator
N, L2,
or COM
Typical containment damper control wiring
Parallel Actuator Wiring
.
S1
Violet
Red
Orange
Gray
S2
S4
S6
NC
10
°
80
°
NO
73
74
72
Auxiliary Switch
FSTF120-S US Technical Data Sheet
On/Off, Spring Return, AC 120 V, Auxiliary Switch
800-543-9038 USA
866-805-7089 CANADA
203-791-8396 LATIN AMERICA / CARIBBEAN


同様の部品番号 - FSTF120-SUS

メーカー部品番号データシート部品情報
logo
BELIMO AIRCONTROLS (USA...
FSTF120US BELIMO-FSTF120US Datasheet
604Kb / 2P
   On/Off, Spring Return Fail-Safe, AC 120 V
More results

同様の説明 - FSTF120-SUS

メーカー部品番号データシート部品情報
logo
BELIMO AIRCONTROLS (USA...
FSAF120A-S BELIMO-FSAF120A-S Datasheet
677Kb / 2P
   On/Off, Spring Return, AC 120 V, Auxiliary Switch
LF120-SUS BELIMO-LF120-SUS Datasheet
628Kb / 3P
   On/Off, Spring Return, AC 120 V, Auxiliary Switch
FSTF230-SUS BELIMO-FSTF230-SUS Datasheet
714Kb / 2P
   On/Off, Spring Return, AC 230 V, Auxiliary Switch
FSAF230A-S BELIMO-FSAF230A-S Datasheet
678Kb / 2P
   On/Off, Spring Return, AC 230 V, Auxiliary Switch
LF230-SUS BELIMO-LF230-SUS Datasheet
628Kb / 3P
   On/Off, Spring Return, AC 230 V, Auxiliary Switch
LF24-SUS BELIMO-LF24-SUS Datasheet
680Kb / 3P
   On/Off, Spring Return, AC/DC 24 V, Auxiliary Switch
FSTF24-SUS BELIMO-FSTF24-SUS Datasheet
761Kb / 2P
   On/Off, Spring Return, Fail-Safe, AC/DC 24 V, Auxiliary Switch
FSTF120US BELIMO-FSTF120US Datasheet
604Kb / 2P
   On/Off, Spring Return Fail-Safe, AC 120 V
FSAF120A BELIMO-FSAF120A Datasheet
557Kb / 2P
   On/Off, Spring Return Fail-Safe, AC 120 V
LF120US BELIMO-LF120US Datasheet
503Kb / 3P
   On/Off, Spring Return Fail-Safe, AC 120 V
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com