データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

QS5000L6 データシート(PDF) 1 Page - TDK Electronics

部品番号 QS5000L6
部品情報  AC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TDK [TDK Electronics]
ホームページ  http://www.tdk.com
Logo TDK - TDK Electronics

QS5000L6 データシート(HTML) 1 Page - TDK Electronics

  QS5000L6 Datasheet HTML 1Page - TDK Electronics QS5000L6 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC-DC Power Supplies
1 of 1
Creation Date : September 17, 2020
(GMT)
QS5000L6
Sales Region
Worldwide (except Japan)
Series
QS
Model
QS5H
Status
Production
Feature
Medical
for Medical instruments
2MOPP
2MOPP
MIL-STD
MIL-STD-810G Vibration and Shock
Options
Product is fully configurable
With 5V/2A standby (Inhibit)
Option Lineup
Recommended EMC Filter
Accessories
Please refer to the catalog
Electrical Characteristics
Input
Single-phase
Input Voltage Range[AC]
90 to 264Vac
180 to 264Vac
Input Voltage Range[DC]
Efficiency
91% Typ.
Rated Output Voltage[DC]
24Vdc
Output Voltage Range[DC]
24 to 26.4Vdc
Maximum Output Current
50A
Maximum Output Power
1200W
Package Type & Size
Package / Mounting
Enclosed / Unit type
Width(W)
270mm Nom. (10.63in Nom.)
Height(H)
63.3mm Nom. (2.49in Nom.)
Depth(D)
127mm Nom. (5.00in Nom.)
Weight
Other
Operating Temp. Range
-20 to 70°C
Cooling
Forced air


同様の部品番号 - QS5000L6

メーカー部品番号データシート部品情報
logo
TDK Electronics
QS50001M TDK-QS50001M Datasheet
218Kb / 2P
   AC-DC Power Supplies
QS50002N TDK-QS50002N Datasheet
218Kb / 2P
   AC-DC Power Supplies
QS500047 TDK-QS500047 Datasheet
218Kb / 2P
   AC-DC Power Supplies
QS50008F TDK-QS50008F Datasheet
218Kb / 2P
   AC-DC Power Supplies
QS50009G TDK-QS50009G Datasheet
218Kb / 2P
   AC-DC Power Supplies
More results

同様の説明 - QS5000L6

メーカー部品番号データシート部品情報
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com