データシートサーチシステム |
|
HLMP-2620 データシート(PDF) 2 Page - Agilent(Hewlett-Packard) |
|
HLMP-2620 データシート(HTML) 2 Page - Agilent(Hewlett-Packard) |
2 / 16 page 2 Selection Guide Light Bar Part Number Corresponding Size of Package Panel and HLCP- HLMP- Light Emitting Areas Outline Legend Mount Part No. HLMP- AlGaAs HER Yellow Green A100 2300 2400 2500 8.89 mm x 3.81 mm 1 A 2599 (.350 in. x .150 in.) B100 2350 2450 2550 19.05 mm x 3.81 mm 1 B 2598 (.750 in. x .150 in.) D100 2600 2700 2800 8.89 mm x 3.81 mm 2 D 2898 (.350 in. x .150 in.) E100 2620 2720 2820 8.89 mm x 3.81 mm 4 E 2899 (.350 in. x .150 in.) F100 2635 2735 2835 3.81 mm x 19.05 mm 2 F 2899 (.150 in. x .750 in.) C100 2655 2755 2855 8.89 mm x 8.89 mm 1 C 2898 (.350 in. x .350 in.) G100 2670 2770 2870 8.89 mm x 8.89 mm 2 G 2899 (.350 in. x .350 in.) H100 2685 2785 2885 8.89 mm x 19.05 mm 1 H 2899 (.350 in. x .750 in.) 2950 2950 8.89 mm x 8.89 mm Bicolor I 2898 (.350 in. x .350 in.) 2965 2965 8.89 mm x 8.89 mm Bicolor I 2898 (.350 in. x .350 in.) Number of Light Emitting Areas |
同様の部品番号 - HLMP-2620 |
|
同様の説明 - HLMP-2620 |