データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U-308 データシート(PDF) 1 Page - Adlink Technology Inc.

部品番号 U-308
部品情報  4/8/12-ch PCI Express x4 Gen3 USB3 Vision Top Performing Frame Grabbers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ADLINK [Adlink Technology Inc.]
ホームページ  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

U-308 データシート(HTML) 1 Page - Adlink Technology Inc.

  U-308 Datasheet HTML 1Page - Adlink Technology Inc. U-308 Datasheet HTML 2Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCIe-U300 Series
4/8/12-ch PCI Express x4 Gen3 USB3 Vision Top Performing Frame Grabbers
Features
PCI Express x4 Gen3 compliant
Host Controller, Fresco FL1100
Compliant with USB 3.1 Gen 1 (identical to USB 3.0)
4/8 USB Type-A external ports (PCIe-U304/U308)
4 additional internal USB 3.0 ports by pin headers (PCIe-U308e only)
Up to 18W USB power from PCIe bus (default)
Up to 60W USB power supported by 4-pin Molex power connector
1500mA max. current per port
Multiple cards, multiple cameras in a single system
Easy-to-use API provided for software-programmable per-port
power on/off
Software Support
OS Information
Windows® 7/10
Software Compatibility
C#/VB.NET/VC++
Ordering Information
PCIe-U304
4-ch PCI Express x4 Gen3 USB3 Vision frame grabber
PCIe-U308
8-ch PCI Express x4 Gen3 USB3 Vision frame grabber
PCIe-U308e
12-ch PCI Express x4 Gen3 USB3 Vision frame grabber
(Q2, 2020)
Optional Accessories
CB-USB3-A/microB-3LS
USB 3.0 cable, 3 meters with locking screws
CB-USB5-A/microB-5LS
USB 3.0 cable, 5 meters with locking screws
Introduction
ADLINK's PCIe-U300 Series series is a PCI Express x4 Gen3 USB3
Vision frame grabber supporting 4/8/12 USB 3.1 Gen 1 ports for
multiple USB3 Vision device connections with data transfer up to
5 Gb/s per port.
The PCIe-U300 Series supports 5V and max. 1500mA current per
port for external USB3 Vision industrial cameras. To guarantee
industrial-grade high-bandwidth performance for each port, four
independent Fresco FL1100 USB 3.1 Gen 1 host controllers with
PCI Express x4 Gen3 interface allow each USB port to provide up
to 5Gbps bandwidth when operating four ports simultaneously.
Also supported is software-programmable per-port power on/off
control for fault recovery operations.
ADLINK's PCIe-U300 Series brings maximum convenience for
interfacing with USB 3.0 devices for machine vision, factory
automation, quality assurance, logistics, medicine, and security and
traffic surveillance applications.
PCIe-U304
PCIe-U308


同様の部品番号 - U-308

メーカー部品番号データシート部品情報
logo
Festo Corporation.
U-3/4 FESTO-U-3/4 Datasheet
83Kb / 1P
   Pneumatic muffler
U-3/4-B FESTO-U-3/4-B Datasheet
94Kb / 1P
   Pneumatic muffler
U-3/4-B-NPT FESTO-U-3/4-B-NPT Datasheet
94Kb / 1P
   Pneumatic muffler
U-3/8 FESTO-U-3/8 Datasheet
96Kb / 1P
   Pneumatic muffler
U-3/8-20 FESTO-U-3/8-20 Datasheet
97Kb / 1P
   Pneumatic muffler
More results

同様の説明 - U-308

メーカー部品番号データシート部品情報
logo
Adlink Technology Inc.
PCIE-GIE7X ADLINK-PCIE-GIE7X Datasheet
430Kb / 2P
   2/4CH PCI Express GigE Vision PoE Frame Grabbers
logo
Advantech Co., Ltd.
PCIE-1154 ADVANTECH-PCIE-1154 Datasheet
267Kb / 1P
   4-port PCI Express USB Vision Frame Grabber
26-Oct-2021
logo
Axiomtek Co., Ltd.
AX92320 AXIOMTEK-AX92320 Datasheet
345Kb / 1P
   4-port PCI Express GigE Vision Frame Grabber Card
logo
AVAGO TECHNOLOGIES LIMI...
PEX8780 AVAGO-PEX8780 Datasheet
540Kb / 5P
   PCI Express Gen3 Switch
PEX8750 AVAGO-PEX8750 Datasheet
565Kb / 5P
   PCI Express Gen3 Switch
PEX8764 AVAGO-PEX8764 Datasheet
590Kb / 5P
   PCI Express Gen3 Switch
PEX8718 AVAGO-PEX8718 Datasheet
348Kb / 4P
   PCI Express Gen3 Switch
PEX8714 AVAGO-PEX8714 Datasheet
375Kb / 4P
   PCI Express Gen3 Switch
PEX8734 AVAGO-PEX8734 Datasheet
556Kb / 5P
   PCI Express Gen3 Switch
PEX8796 AVAGO-PEX8796 Datasheet
570Kb / 5P
   PCI Express Gen3 Switch
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com