データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KB2500SGD データシート(PDF) 1 Page - Kingbright Corporation

部品番号 KB2500SGD
部品情報  8.89mmx3.81mm LED LIGHT BAR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KINGBRIGHT [Kingbright Corporation]
ホームページ  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB2500SGD データシート(HTML) 1 Page - Kingbright Corporation

  KB2500SGD Datasheet HTML 1Page - Kingbright Corporation KB2500SGD Datasheet HTML 2Page - Kingbright Corporation KB2500SGD Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPEC NO: DSAA4477
REV NO: V.4
DATE: APR/21/2005
PAGE: 1 OF 3
APPROVED: J. Lu
CHECKED: Joe Lee
DRAWN: Y.W.WANG
ERP:1334000109
Description
The Super Bright Green source color devices are made
with Gallium Phosphide Green Light Emitting Diode.
KB2500SGD
SUPER BRIGHT GREEN
8.89mmx3.81mm LED LIGHT BAR
Features
UNIFORM LIGHT EMITTING AREA.
LOW CURRENT OPERATION.
EASILY MOUNTED ON P.C. BOARDS.
FLUSH MOUNTABLE.
EXCELLENT ON/OFF CONTRAST.
CAN BE USED WITH PANELS AND LEGEND MOUNTS.
CATEGORIZED FOR LUMINOUS INTENSITY.
RoHS COMPLIANT.
Package Dimensions & Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is
±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.


同様の部品番号 - KB2500SGD

メーカー部品番号データシート部品情報
logo
Kingbright Corporation
KB2500CGKD KINGBRIGHT-KB2500CGKD Datasheet
347Kb / 6P
   8.89mmx3.81mm LED LIGHT BAR
More results

同様の説明 - KB2500SGD

メーカー部品番号データシート部品情報
logo
SunLED Corporation
EMG2800D SUNLED-EMG2800D Datasheet
188Kb / 4P
   8.89mmx3.81mm LED LIGHT BAR
logo
Kingbright Corporation
KB2820CGKD KINGBRIGHT-KB2820CGKD Datasheet
346Kb / 6P
   8.89mmx3.81mm LED LIGHT BAR
KB-D100SURKW KINGBRIGHT-KB-D100SURKW Datasheet
348Kb / 6P
   8.89mmx3.81mm LED LIGHT BAR
KB-E100SURKW KINGBRIGHT-KB-E100SURKW Datasheet
348Kb / 6P
   8.89mmx3.81mm LED LIGHT BAR
KB2400SYKW KINGBRIGHT-KB2400SYKW Datasheet
364Kb / 6P
   8.89mmx3.81mm LED LIGHT BAR
KB-A100SURKW KINGBRIGHT-KB-A100SURKW Datasheet
346Kb / 6P
   8.89mmx3.81mm LED LIGHT BAR
logo
SunLED Corporation
EMRD100M SUNLED-EMRD100M Datasheet
183Kb / 4P
   8.89mmx3.81mm LED LIGHT BAR
logo
Kingbright Corporation
KB-E100SRW KINGBRIGHT-KB-E100SRW Datasheet
199Kb / 4P
   8.89mmx3.81mm LED LIGHT BAR
logo
SunLED Corporation
EUR2600M SUNLED-EUR2600M Datasheet
184Kb / 4P
   8.89mmx3.81mm LED LIGHT BAR
EUY2400M SUNLED-EUY2400M Datasheet
183Kb / 4P
   8.89mmx3.81mm LED LIGHT BAR
EUY2700M SUNLED-EUY2700M Datasheet
186Kb / 4P
   8.89mmx3.81mm LED LIGHT BAR
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com