データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-3301 データシート(PDF) 1 Page - Agilent(Hewlett-Packard)

部品番号 HLMP-3301
部品情報  T-1 3/4 (5 mm) Diffused LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-3301 データシート(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-3301 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-3301 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-3301 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-3301 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-3301 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-3301 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-3301 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-3301 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-3301 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
T-13/4 (5 mm) Diffused LED
Lamps
Technical Data
Features
• High Intensity
• Choice of 4 Bright Colors
High Efficiency Red
Orange
Yellow
High Performance Green
• Popular T-13/4 Diameter
Package
• Selected Minimum
Intensities
• Wide Viewing Angle
• General Purpose Leads
• Reliable and Rugged
• Available on Tape and Reel
Description
This family of T-13/4 tinted,
diffused LED lamps is widely used
in general purpose indicator
applications. Diffusants, tints, and
optical design are balanced to
yield superior light output and
wide viewing angles. Several
intensity choices are available in
each color for increased design
flexibility.
HLMP-3301
HLMP-3401
HLMP-3507
HLMP-3762
HLMP-3862
HLMP-3962
HLMP-D401
Selection Guide
Luminous Intensity Iv (mcd) at 10 mA
Material/Color
Part Number
Min.
Max.
HLMP-3301
5.4
HLMP-3301-D00xx
2.1
HLMP-3301-F00xx
5.4
HLMP-3301-FG0xx
5.4
17.2
HLMP-3762
8.6
HLMP-3762-G00xx
8.6
HLMP-3401
5.7
HLMP-3401-E00xx
5.7
HLMP-3401-EF0xx
5.7
18.4
HLMP-3401-EFBxx
5.7
18.4
HLMP-3862
9.2
HLMP-3862-F00xx
9.2
HLMP-3862-FGBxx
9.2
29.4
HLMP-D401
5.4
HLMP-D401-D00xx
2.1
HLMP-D401-EF0xx
3.4
10.8
HLMP-D401-F00xx
5.4
HLMP-3507
4.2
HLMP-3507-D00xx
4.2
HLMP-3507-EF0xx
6.7
21.2
HLMP-3962
10.6
HLMP-3962-F00xx
10.6
GaP HER
GaP Yellow
GaP Orange
GaP Green


同様の部品番号 - HLMP-3301

メーカー部品番号データシート部品情報
logo
QT Optoelectronics
HLMP-3301 QT-HLMP-3301 Datasheet
199Kb / 3P
   SECOND SOURCE T-1 3/4 SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-3301 FAIRCHILD-HLMP-3301 Datasheet
101Kb / 4P
   T-1 3/4 (5 mm) SOLID STATE LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3301 AVAGO-HLMP-3301 Datasheet
263Kb / 11P
   High intensity
logo
Broadcom Corporation.
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
HLMP-3301-D00XX BOARDCOM-HLMP-3301-D00XX Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
More results

同様の説明 - HLMP-3301

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
logo
Chicago Miniature Lamp,...
CMD5153 CML-CMD5153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
CMD6153 CML-CMD6153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com