データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

9GV1212P4G01 データシート(PDF) 1 Page - SANYO DENKI CO., LTD.

部品番号 9GV1212P4G01
部品情報  DC Fan 120횞120횞25 mm San Ace 120 9GV type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYODENKI [SANYO DENKI CO., LTD.]
ホームページ  https://www.sanyodenki.com/
Logo SANYODENKI - SANYO DENKI CO., LTD.

9GV1212P4G01 データシート(HTML) 1 Page - SANYO DENKI CO., LTD.

  9GV1212P4G01 Datasheet HTML 1Page - SANYO DENKI CO., LTD. 9GV1212P4G01 Datasheet HTML 2Page - SANYO DENKI CO., LTD. 9GV1212P4G01 Datasheet HTML 3Page - SANYO DENKI CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
165
(Pa)
(inch H2O)
(Pa)
(inch H2O)
(CFM)
(m3/min)
風量
PWMデューティ100%
(CFM)
(m3/min)
風量
DC12 V
0
50
0
100
1
0
2
3
200
150
6
5
4
0.8 200
0.2
0.4
0.6
50
100
150
1.0
1.2
250
300
PWMデューティ
100%
0%
50%
0
50
0
100
1
0
2
3
200
150
6
5
4
0.8 200
0.2
0.4
0.6
50
100
150
1.0
1.2
250
300
12 V
10.2 V
13.8 V
(Pa)
(inch H2O)
(Pa)
(inch H2O)
(CFM)
(m3/min)
風量
PWMデューティ100%
(CFM)
(m3/min)
風量
DC12 V
0
50
0
100
1
0
2
3
200
150
6
5
4
0.8 200
0.2
0.4
0.6
50
100
150
1.0
1.2
250
300
PWMデューティ
100%
0%
50%
0
50
0
100
1
0
2
3
200
150
6
5
4
0.8 200
0.2
0.4
0.6
50
100
150
1.0
1.2
250
300
12 V
10.2 V
13.8 V
電圧:DC12 V
PWM周波数:25 kHz
5100 min-1
1650 min-1
6000
1000
2000
3000
4000
5000
(min-1)
PWM デューティサイクル
0
(%)
100
CATALOG No. C1097B001 '20.1.IT
Airflow
Airflow
PWM duty cycle 100%
PWM duty cycle
PWM duty cycle
Voltage: 12 VDC
PWM frequency: 25 kHz
12 VDC
PWM duty cycle
Operating voltage range
PWM duty - Speed characteristics example
Airflow - Static Pressure Characteristics / PWM Duty - Speed Characteristics Example
9GV1212P4G01 With pulse sensor with PWM control function
DC Fan
120×120×25 mm
San Ace 120 9GV type
General Specifications
· Material …………………………………… Frame: Plastic (Flammability: UL 94V-0), Impeller: Plastic (Flammability: UL 94V-1)
· Expected life ……………………………… See the table below. (L10 life: 90% survival rate for continuous operation in free air at 60˚C, rated voltage)
Expected life at 40°C is for reference only.
· Motor protection function……………… Locked rotor burnout protection, Reverse polarity protection
For details, please refer to p. 573.
· Dielectric strength ……………………… 50/60 Hz, 500 VAC, for 1 minute (between lead wire conductors and frame)
· Insulation resistance …………………… 10 MΩ or more with a 500 VDC megger (between lead wire conductors and frame)
· Sound pressure level (SPL) …………… At 1 m away from the air inlet
· Storage temperature …………………… -30 to +70˚C (Non-condensing)
· Lead wire ………………………………… Red Black Sensor Yellow Control Brown
· Mass ……………………………………… 260 g
Specifications
The models listed below have ribs and pulse sensors with PWM control function. For models without ribs, append "1" to the end of model numbers.
Model no.
Rated voltage Operating voltage range
PWM duty
cycle* [%]
Rated current Rated input Rated speed
Max. airflow
Max. static pressure
SPL
Operating temperature
Expected life
[V]
[V]
[A]
[W]
[min-1]
[m3/min]
[CFM]
[Pa]
[inchH2O]
[dB (A)]
[˚C]
[h]
9GV1212P4G01
12
10.2 to 13.8
100
1.68
20.16
5100
4.83
171
224
0.9
58
-20 to +70
40000/60˚C
(70000/40˚C)
0
0.18
2.16
1650
1.56
55.1
23.5
0.09
30
9GV1224P4G01
24
20.4 to 27.6
100
0.84
20.16
5100
4.83
171
224
0.9
58
0
0.13
3.12
1650
1.56
55.1
23.5
0.09
30
9GV1248P4J01
48
40.8 to 55.2
100
0.5
24.0
5400
5.11
180
251
1.01
59
0
0.15
7.2
3000
2.84
100
77.5
0.31
47
9GV1248P4G01
40.8 to 60.0
100
0.42
20.16
5100
4.83
171
224
0.9
58
0
0.07
3.36
1650
1.56
55.1
23.5
0.09
30
9GV1248P4H01
100
0.33
15.84
4600
4.35
154
182
0.73
55
0
0.07
3.36
1650
1.56
55.1
23.5
0.09
30
* PWM input frequency is 25 kHz; models without specifications at 0% PWM duty cycle have zero fan speed at 0%.
The following sensor and control options are available for selection.
Differs according to the model. Refer to the table on p. 607. Without sensor
Pulse sensor
Lock sensor


同様の部品番号 - 9GV1212P4G01

メーカー部品番号データシート部品情報
logo
SANYO DENKI CO., LTD.
9GV1212P1G01 SANYODENKI-9GV1212P1G01 Datasheet
239Kb / 3P
   DC Fan 120횞120횞38 mm San Ace 120 9GV type
9GV1212P1J01 SANYODENKI-9GV1212P1J01 Datasheet
239Kb / 3P
   DC Fan 120횞120횞38 mm San Ace 120 9GV type
More results

同様の説明 - 9GV1212P4G01

メーカー部品番号データシート部品情報
logo
SANYO DENKI CO., LTD.
9GV1212P1J01 SANYODENKI-9GV1212P1J01 Datasheet
239Kb / 3P
   DC Fan 120횞120횞38 mm San Ace 120 9GV type
109S085 SANYODENKI-109S085 Datasheet
174Kb / 4P
   AC Fan 120횞120횞25 mm San Ace 120
9GV2048P0G201 SANYODENKI-9GV2048P0G201 Datasheet
222Kb / 2P
   DC Fan San Ace 200 9GV type
9GV5724H501 SANYODENKI-9GV5724H501 Datasheet
162Kb / 2P
   DC Fan San Ace 172 9GV type
9GV1412P1G001 SANYODENKI-9GV1412P1G001 Datasheet
355Kb / 4P
   DC Fan San Ace 140 9GV type
9GV1512H501 SANYODENKI-9GV1512H501 Datasheet
157Kb / 2P
   DC Fan San Ace 150 9GV type
9GV3612J301 SANYODENKI-9GV3612J301 Datasheet
129Kb / 2P
   San Ace 36 9GV type
9GV0412K301 SANYODENKI-9GV0412K301 Datasheet
139Kb / 2P
   San Ace 40 9GV type
9SG1212G101 SANYODENKI-9SG1212G101 Datasheet
715Kb / 2P
   DC Fan San Ace 120 9SG type
9HV1224P1A001 SANYODENKI-9HV1224P1A001 Datasheet
222Kb / 3P
   DC Fan San Ace 120 9HV type
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com