データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-3862-FGBXX データシート(PDF) 6 Page - Agilent(Hewlett-Packard)

部品番号 HLMP-3862-FGBXX
部品情報  T-1 3/4 (5 mm) Diffused LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-3862-FGBXX データシート(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HLMP-3862-FGBXX Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-3862-FGBXX Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-3862-FGBXX Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-3862-FGBXX Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-3862-FGBXX Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-3862-FGBXX Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-3862-FGBXX Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-3862-FGBXX Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-3862-FGBXX Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
T-13/4 Yellow Diffused Lamps
Figure 8. Relative Luminous Intensity
vs. Forward Current.
Figure 7. Forward Current vs.
Forward Voltage Characteristics.
Figure 9. Relative Efficiency
(Luminous Intensity per Unit Current)
vs. Peak Current.
Figure 10. Maximum Tolerable Peak
Current vs. Pulse Duration. (IDC MAX
as per MAX Ratings).
Figure 11. Relative Luminous Intensity vs. Angular Displacement.


同様の部品番号 - HLMP-3862-FGBXX

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3862 AVAGO-HLMP-3862 Datasheet
263Kb / 11P
   High intensity
logo
Broadcom Corporation.
HLMP-3862 BOARDCOM-HLMP-3862 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
More results

同様の説明 - HLMP-3862-FGBXX

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
logo
Chicago Miniature Lamp,...
CMD5153 CML-CMD5153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
CMD6153 CML-CMD6153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com